công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A27518E bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện TS3A27518E
Giải thích chi tiết về linh kiện  6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3A27518E bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TS3A27518E_15 Datasheet HTML 1Page - Texas Instruments TS3A27518E_15 Datasheet HTML 2Page - Texas Instruments TS3A27518E_15 Datasheet HTML 3Page - Texas Instruments TS3A27518E_15 Datasheet HTML 4Page - Texas Instruments TS3A27518E_15 Datasheet HTML 5Page - Texas Instruments TS3A27518E_15 Datasheet HTML 6Page - Texas Instruments TS3A27518E_15 Datasheet HTML 7Page - Texas Instruments TS3A27518E_15 Datasheet HTML 8Page - Texas Instruments TS3A27518E_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
DESCRIPTION/ORDERING INFORMATION
VCC
IN2
GND
NC1
NO1
COM1
NC2
NO2
COM2
NC3
NO3
COM3
NC4
NO4
COM4
NC5
NO5
COM5
NC6
NO6
COM6
IN1
EN
Logic
TS3A27518E
SCDS260B – MARCH 2009 – REVISED MAY 2009........................................................................................................................................................... www.ti.com
The TS3A27518E is a 6-bit 1-of-2 Mux/Demux designed to operate from 1.65 V to 3.6 V. This device can handle
both digital and analog signals, and signals up to V+ can be transmitted in either direction. The TS3A27518E has
two control pins, each controlling three 1-of-2 muxes at the same time, and an enable pin that is used to put all
outputs in high-impedance mode. The control pins are compatible with 1.8V logic thresholds and are backward
compatible with 2.5 V and 3.3 V logic thresholds as well.
The TS3A27518E allows any SD, SDIO, and multimedia card host controllers to be expanded out to multiple
cards or peripherals since the SDIO interface consists of 6-bits: CMD, CLK, and Data[0:3] signals. The
TS3A27518E has two control pins that give additional flexibility to the user. For example, the ability to mux two
different audio-video signals in equipment such as an LCD television,an LCD monitor, or a notebook docking
station.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
BGA – ZQS
Tape and reel
TS3A27518EZQSR
YL518E
–40°C to 85°C
QFN – RTW
Tape and reel
TS3A27518ERTWR
YL518E
TSSOP – PW
Tape and reel
TS3A27518EPWR
YL518E
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
LOGIC DIAGRAM
SUMMARY OF CHARACTERISTICS
V+ = 3.3 V, TA = 25°C
1-of-2
Configuration
Multiplexer/Demultiplexer
Number of channels
6
ON-state resistance (ron)
6.2
Ω (max)
ON-state resistance match (
Δron)
0.7
Ω (max)
ON-state resistance flatness
2.1
Ω (max)
(rON(flat))
Turn-on/turn-off time (tON/tOFF)
59 ns/ 60.6 ns (max)
Break-before-make time (tBBM)
22.7 ns (max)
Charge injection (QC)
0.81 pC
Bandwidth (BW)
240 MHz
OFF isolation (OISO)
–62 dB at 10 MHz
Crosstalk (XTALK)
–62 dB at 10 MHz
Total harmonic distortion (THD)
0.05%
Power-supply current (I+)
< 0.3
µA (max)
24-pin QFN (RTW),
Package options
24-BGA (ZQS)
24-TSSOP (PW)
FUNCTION TABLE
NC1/2/3 TO COM1/2/3,
NC4/5/6 TO COM4/5/6,
NO1/2/3 TO COM1/2/3,
NO4/5/6 TO COM4/5/6,
EN
IN1
IN2
COM1/2/3 TO NC1/2/3
COM4/5/6 TO NC4/5/6
COM1/2/3 TO NO1/2/3
COM4/5/6 TO NO4/5/6
H
X
X
OFF
OFF
OFF
OFF
L
L
L
ON
ON
OFF
OFF
L
H
L
OFF
ON
ON
OFF
L
L
H
ON
OFF
OFF
ON
L
H
H
OFF
OFF
ON
ON
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TS3A27518E


Số phần tương tự - TS3A27518E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A27518E TI1-TS3A27518E_16 Datasheet
1Mb / 35P
[Old version datasheet]   6-Channel, 1:2 Multiplexer/Demultiplexer
More results

Mô tả tương tự - TS3A27518E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A27518E-Q1 TI1-TS3A27518E-Q1 Datasheet
956Kb / 30P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
TS3A27518E TI-TS3A27518E Datasheet
928Kb / 26P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
logo
Toshiba Semiconductor
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
logo
Texas Instruments
SN74CBT3257 TI-SN74CBT3257 Datasheet
361Kb / 12P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CB3Q3257 TI-SN74CB3Q3257 Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com