công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL072L-P08-T bảng dữ liệu(PDF) 9 Page - Unisonic Technologies

tên linh kiện TL072L-P08-T
Giải thích chi tiết về linh kiện  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072L-P08-T bảng dữ liệu(HTML) 9 Page - Unisonic Technologies

  TL072L-P08-T Datasheet HTML 1Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 2Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 3Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 4Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 5Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 6Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 7Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 8Page - Unisonic Technologies TL072L-P08-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R105-004,F
TYPICAL CHARACTERISTICS(Cont.)
Voltage Follower Large Signal Pulse Response
3.5
Time (μs)
0
Output Voltage vs. Elapsed Time
28
0
0.7
0.5
4
-4
0.2
12
0.4
0
16
2.5
0.3
tr
0.6
2
1
24
4
0
3
1.5
0.5
Input
2
6
-2
-4
-6
VCC = ±15V
RL = 2kΩ
CL = 100pF
Tamb = +25℃
Output
20
8
Time (μs)
0.1
10%
90%
Overshoot
RL = 10kΩ
VCC = ±15V
Tamb = +25℃
Equivalent Input Noise Voltage vs.
Frequency
100k
Frequency (Hz)
40
Total Harmonic Distortion vs.
Frequency
1
100k
0.004
0.001
1k
0.04
10k
100
0.1
10k
4k
40k
4k
400
0.4
60
30
40k
1k
100
50
70
20
10
0
0.01
400
VCC = ±15V
AV = 10
RS = 100Ω
Ta = +25℃
10
40
VCC = ±15V
AV = 1
VO(ms) = 6V
Ta = +25℃
Frequency (Hz)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Số phần tương tự - TL072L-P08-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL072L-P08-T UTC-TL072L-P08-T Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

Mô tả tương tự - TL072L-P08-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com