công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3A5018 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện TS3A5018
Giải thích chi tiết về linh kiện  TS3A5018 10-廓 Quad SPDT Analog Switch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  TS3A5018_15 Datasheet HTML 1Page - Texas Instruments TS3A5018_15 Datasheet HTML 2Page - Texas Instruments TS3A5018_15 Datasheet HTML 3Page - Texas Instruments TS3A5018_15 Datasheet HTML 4Page - Texas Instruments TS3A5018_15 Datasheet HTML 5Page - Texas Instruments TS3A5018_15 Datasheet HTML 6Page - Texas Instruments TS3A5018_15 Datasheet HTML 7Page - Texas Instruments TS3A5018_15 Datasheet HTML 8Page - Texas Instruments TS3A5018_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
TS3A5018
www.ti.com
SCDS189G – JANUARY 2005 – REVISED MARCH 2015
6.5 Electrical Characteristics for 3.3-V Supply
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog
Switch
VCOM, VNO,
Analog signal range
0
V+
V
VNC
25°C
7
10
ON-state
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron
3 V
resistance
ICOM = –32 mA,
see Figure 17
Full
12
ON-state
25°C
0.3
0.8
VNC or VNO = 2.1 V,
Switch ON,
Δron
resistance match between
3 V
ICOM = –32 mA,
see Figure 17
Full
1
channels
ON-state
25°C
5
7
0
≤ (VNC or VNO) ≤ V+,
Switch ON,
ron(flat)
resistance
3 V
ICOM = –32 mA,
see Figure 17
Full
8
flatness
VNC or VNO = 1 V,
25°C
–0.1
0.05
0.1
VCOM = 3 V,
Switch OFF,
or
3.6 V
see Figure 18
Full
–0.2
0.2
VNC or VNO = 3 V,
VCOM = 1 V,
INC(OFF),
NC, NO
VNC or VNO = 0 to 3.6
25°C
–2
0.05
2
µA
INO(OFF)
OFF leakage current
V,
VCOM = 3.6 V to 0,
Switch OFF,
or
0 V
see Figure 18
Full
–10
10
VNC or VNO = 3.6 V to
0,
VCOM = 0 to 3.6 V,
VCOM = 1 V,
25°C
–0.1
0.05
0.1
VNC or VNO = 3 V,
Switch OFF,
or
3.6 V
see Figure 18
Full
–0.2
0.2
VCOM = 3 V,
VNC or VNO = 3 V,
COM
VCOM = 0 to 3.6 V,
25°C
–2
0.05
2
ICOM(OFF)
µA
OFF leakage current
VNC or VNO = 3.6 V to
0,
Switch OFF,
or
0 V
see Figure 18
Full
–10
10
VCOM = 3.6 V to 0,
VNC or VNO = 0 to 3.6
V,
VNC or VNO = 1 V,
25°C
–0.1
0.05
0.1
NC, NO
VCOM = Open,
INC(ON),
Switch ON,
ON leakage
or
3.6 V
µA
INO(ON)
see Figure 19
Full
–0.2
0.2
current
VNC or VNO = 3 V,
VCOM = Open,
VCOM = 1 V,
25°C
–0.1
0.05
0.1
COM
VNC or VNO = Open,
Switch ON,
ICOM(ON)
ON leakage
or
3.6 V
µA
see Figure 19
Full
–0.2
0.2
current
VCOM = 3 V,
VNC or VNO = Open,
VIH
Input logic high
Full
2
V+
V
VIL
Input logic low
Full
0
0.8
V
25°C
–1
0.05
1
IIH, IIL
Input leakage current
VI = V+ or 0
3.6 V
µA
Full
–1
1
Charge
VGEN = 0,
CL = 0.1 nF,
QC
25°C
3.3 V
2
pC
injection
RGEN = 0,
see Figure 26
NC, NO
CNC(OFF),
VNC or VNO = V+ or
Switch OFF,
OFF
25°C
3.3 V
4.5
pF
CNO(OFF)
GND,
see Figure 20
capacitance
COM
Switch OFF,
CCOM(OFF)
OFF
VCOM = V+ or GND,
25°C
3.3 V
9
pF
see Figure 20
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or
Switch ON,
ON
25°C
3.3 V
16
pF
CNO(ON)
GND,
see Figure 20
capacitance
COM
Switch ON,
CCOM(ON)
ON
VCOM = V+ or GND,
25°C
3.3 V
16
pF
see Figure 20
capacitance
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TS3A5018


Số phần tương tự - TS3A5018_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Mô tả tương tự - TS3A5018_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com