công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL062L-D08-T bảng dữ liệu(PDF) 4 Page - Unisonic Technologies |
|
TL062L-D08-T bảng dữ liệu(HTML) 4 Page - Unisonic Technologies |
4 / 8 page TL062 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 8 www.unisonic.com.tw QW-R105-003,C ■ ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL RATINGS UNIT Supply Voltage (note 2) VCC ±18 V Input Voltage (note 3) VIN ±15 V Differential Input Voltage (note 4) VI(DIFF) ±30 V Power Dissipation PD 680 mW Output Short-Circuit Duration (Note 5) Infinite Operating Temperature TOPR 0 ~ +70 °C Storage Temperature TSTG -65 ~ +150 °C Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. 2. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC- and VCC+. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 5. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. ELECTRICAL CHARACTERISTICS (VCC=±15V, Ta=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Ta=25°C 3 15 mV Input Offset Voltage VI(OFF) RS=50Ω TMIN ≤Ta ≤TMAX 20 mV Input Common Mode Voltage VI(CM) ±11 -12~+15 V Ta=25°C 20 27 V Output Voltage Swing VO(SW) RL=10kΩ,CL=100pF TMIN ≤Ta ≤TMAX 20 V Ta=25 °C 3 6 V/mV Large Signal Voltage Gain GV RL=10Ω, VOUT=±10V TMIN ≤Ta ≤TMAX 3 V/mV Temperature Coefficient of Input Offset Voltage Δ VI(OFF) RS=50Ω 10 μV/°C Supply Current ICC Ta=25°C, no load, no signal 400 500 μA Ta=25°C 5 200 pA Input Offset Current* II(OFF) TMIN ≤Ta ≤TMAX 5 nA Ta=25°C 30 400 pA Input Bias Current* II(BIAS) TMIN ≤Ta ≤TMAX 10 nA Gain Bandwidth Product GBW Ta=25 °C, RL=10kΩ, CL=100Pf 1 MHz Input Resistance RIN 10 12 Ω Common Mode Rejection Ratio CMR RS=50Ω 70 76 dB Supply Voltage Rejection Ratio SVR RS=50Ω 70 95 dB Slew Rate SR VIN=10V, RL=10kΩ, CL=100pF, Gv=1 0.91 1.1 V/ μs Channel Separation O2 O1 V V Gv=100, Ta=25°C 120 dB Total Power Consumption Ta=25°C, no load, no signal 6 7.5 mW Rise Time tR VIN=20mV, RL=10kΩ, CL=100pF, Gv=1 0.2 μs Overshoot Factor Kov VIN=20mV, RL=10kΩ, CL=100pF, Gv=1 10 % Equivalent Input Noise Voltage eN RS=100Ω, f=1KHz 42 Note: The Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques must be used that will maintain the junction temperature as closes to the ambient temperature as possible. |
Số phần tương tự - TL062L-D08-T |
|
Mô tả tương tự - TL062L-D08-T |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |