công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TD3081 bảng dữ liệu(PDF) 1 Page - Solid State Optronic

tên linh kiện TD3081
Giải thích chi tiết về linh kiện  Zero Volt Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSOUSA [Solid State Optronic]
Trang chủ  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3081 bảng dữ liệu(HTML) 1 Page - Solid State Optronic

  TD3081 Datasheet HTML 1Page - Solid State Optronic TD3081 Datasheet HTML 2Page - Solid State Optronic TD3081 Datasheet HTML 3Page - Solid State Optronic TD3081 Datasheet HTML 4Page - Solid State Optronic TD3081 Datasheet HTML 5Page - Solid State Optronic TD3081 Datasheet HTML 6Page - Solid State Optronic TD3081 Datasheet HTML 7Page - Solid State Optronic TD3081 Datasheet HTML 8Page - Solid State Optronic TD3081 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 1 of 9
TD3081
Zero Volt Switching
800V
Triac Driver
TD3081 /H/S/TR
Rev 2.00 (11/12/2013)
001680
Description
The TD3081 consists of a single input LED optically
coupled to a zero-volt crossing triac driver. The TD3081
provides high input-to-output isolation and is designed to
drive high-powered triacs. Typical uses include interfacing
logic level control signals to equipment powered from
240VAC lines and higher.
The TD3081 comes standard in a miniature 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Home Appliances
Motor / Drive Controls
Solid State Relays
Solenoid / Valve Control
Temperature Control
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …….………...………-40 to +100°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..330mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
TD3081
6 pin DIP, (60/Tube)
TD3081-H
0.40” (10.16mm) Lead Spacing (VDE0884)
TD3081-S
6 pin SMD, (60/Tube)
TD3081-STR
6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Zero-Volt Switching
800V Blocking Voltage
Trigger Current (15mA MAX)
High Isolation Voltage (5000VRMS)
High dV/dt (1kV/
S MIN, 2kV/S TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
5
6
(+) Input
(-) Input
Do Not Connect
(Triac Substrate)
+/- Load
TD3081
3
4
Do Not Connect
-/+ Load
Zero Volt
Crossing
Circuit


Số phần tương tự - TD3081

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
   Zero-Volt Switching Triac Driver
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
   High Isolation Voltage
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
More results

Mô tả tương tự - TD3081

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid State Optronic
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3042 SSOUSA-TD3042 Datasheet
594Kb / 5P
   Zero-Volt Switching
TD3041 SSOUSA-TD3041 Datasheet
436Kb / 9P
   Zero Volt Switching
S106 SSOUSA-S106_15 Datasheet
235Kb / 5P
   Zero-Volt Cross Switching
S112-X SSOUSA-S112-X Datasheet
347Kb / 8P
   Zero-Volt Cross Switching
S942-X SSOUSA-S942-X Datasheet
275Kb / 7P
   Zero-Volt Cross Switching
S108-X SSOUSA-S108-X Datasheet
440Kb / 8P
   Zero-Volt Cross Switching
S109 SSOUSA-S109 Datasheet
247Kb / 8P
   Zero-Volt Cross Switching
S842 SSOUSA-S842_15 Datasheet
212Kb / 5P
   Zero-Volt Cross Switching
S109-X SSOUSA-S109-X Datasheet
275Kb / 8P
   Zero-Volt Cross Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com