công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34119 bảng dữ liệu(PDF) 2 Page - Unisonic Technologies

tên linh kiện MC34119
Giải thích chi tiết về linh kiện  LOW POWER AUDIO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC34119 bảng dữ liệu(HTML) 2 Page - Unisonic Technologies

  MC34119_15 Datasheet HTML 1Page - Unisonic Technologies MC34119_15 Datasheet HTML 2Page - Unisonic Technologies MC34119_15 Datasheet HTML 3Page - Unisonic Technologies MC34119_15 Datasheet HTML 4Page - Unisonic Technologies MC34119_15 Datasheet HTML 5Page - Unisonic Technologies MC34119_15 Datasheet HTML 6Page - Unisonic Technologies MC34119_15 Datasheet HTML 7Page - Unisonic Technologies MC34119_15 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC34119
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R107-038.I
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
Mute
This pin can be used to power down the IC to converse power, or for muting, or both. When
at a logic “LOW” (less than 0.8V), the IC is enabled for normal operation. When at a logic
“HIGH” (2V to VCC), the IC is disabled. If Mute is open, that is equivalent to a logic “LOW”.
2
Ripple
Rejection
A capacitor at this pin increase power supply rejection, and affects turn-on time. This pin
can be left open if the capacitor at pin 3 is sufficient.
3
Input(+)
Analog Ground for the amplifiers. A 1μF capacitor at this pin (with a 5μF capacitor at pin 2)
provides 52dB( typ) of power supply rejection. Turn-on time of the circuit is affected by the
capacitor on this pin. This pin can be used as an alternative input.
4
Input(-)
Amplifier input. The input capacitor and resistor set low frequency roll-off and input
impedance. The feedback resistor is connected between this pin and output 1.
5
Output 1 Amplifier output 1. The DC level is about (VCC~0.7V)/2.
6
VCC
DC supply voltage is applied to this pin (VCC=2~16V).
7
GND
Ground pin.
8
Output 2
Amplifier output 2. This signal is equal in amplitude, but 180°out of phase with that output 1,
the DC level is about (Vcc~0.7V)/2.


Số phần tương tự - MC34119_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
MC34119 UTC-MC34119_12 Datasheet
247Kb / 8P
   LOW POWER AUDIO AMPLIFIER
More results

Mô tả tương tự - MC34119_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
   Low Power Audio Amplifier
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
   Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
   LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
   Low Power Audio Amplifier
logo
System Logic Semiconduc...
SL34119 SLS-SL34119 Datasheet
75Kb / 6P
   Low Power Audio Amplifier
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
   LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
   Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
   Low Power Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com