công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPI600ACHBB bảng dữ liệu(PDF) 1 Page - Sparkle Power Inc.

tên linh kiện SPI600ACHBB
Giải thích chi tiết về linh kiện  600 Watts EPS12V & ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPI [Sparkle Power Inc.]
Trang chủ  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI600ACHBB bảng dữ liệu(HTML) 1 Page - Sparkle Power Inc.

  SPI600ACHBB Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 7A (RMS) @115Vac, 3.5A (RMS) @230Vac
Inrush Current: No damage, typical 100A at cold start
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.8A
18A
30A
± 5%
± 1%
75mV P-P
+5V
0.5A
15A
30A
± 5%
± 1%
75mV P-P
+12V1
1.0A
9A
18A
± 5%
± 1%
140mV P-P
+12V2
1.0A
9A
18A
± 5%
± 1%
140mV P-P
+12V3
1.0A
9A
18A
± 5%
± 1%
140mV P-P
+12V4
1.0A
9A
18A
± 5%
± 1%
140mV P-P
-12V
0.0A
0.4A
0.8A
± 10%
± 1%
200mV P-P
+5Vsb
0.1A
1.5A
3.0A
± 5%
± 1%
75mV P-P
* +3.3V and +5V total output not exceed 140W
* +3.3V & 5V & +12V output power should not exceed 575W
* Total output for this power supply is 600W
SPI600ACHBB
600 Watts EPS12V & ATX12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
 Complied with EPS12V standard
 Active Power Factor Correction (PFC) meet EN61000-3-2
 High efficiency and reliability
 Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
 Remote ON/OFF function
 Internal 12V DC fan included
 Noise Killer (thermal fan speed control function)
 Low noise and ripple
 Output over voltage, short circuit, and over current protection
 100% Hi-pot, ATE, and burn-in tested
 Re-settable power shut down
 Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
 Approved by UL60950, TUV EN60950 or VDE EN60950,
NEMKO EN60950 (CB Report), CE
Specification
 Temperature Range: Operating: 0° ~ 50°C on full load, de-rate
4W/°C from 25° ~ 50°C; storage & shipping: -20° ~ +80°C
 Humidity: 5 ~ 95% on operating and storage
 Dielectric Withstand: Primary to Frame Ground 1800 VAC for
1sec
 Efficiency: up to 85%
 Rise time: Less than 20ms
 Hold-up Time: 17ms minimum at nominal input voltage
 Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
 Leakage Current: Less than 3.5mA
 MTBF: 100,000 hours on maximum load at +25°C
 Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4in
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: http://www.sparklepower.com/


Số phần tương tự - SPI600ACHBB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sparkle Power Inc.
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
More results

Mô tả tương tự - SPI600ACHBB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sparkle Power Inc.
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600GLN SPI-SPI600GLN Datasheet
79Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600W7BB SPI-SPI600W7BB Datasheet
48Kb / 1P
   600 Watts ATX12V/EPS12V, 2U Switching Power Supply
FSP600-801UK SPI-FSP600-801UK Datasheet
103Kb / 1P
   600 Watts ATX12V/EPS12V,1U Switching Power Supply
SPI600U4BB SPI-SPI600U4BB Datasheet
47Kb / 1P
   600 Watts ATX12V/EPS12V, 1U Switching Power Supply
R-FSP600-80ETN SPI-R-FSP600-80ETN Datasheet
2Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
   600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com