công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT9221ZVM bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện OPT9221ZVM
Giải thích chi tiết về linh kiện  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OPT9221ZVM bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button OPT9221ZVM Datasheet HTML 6Page - Texas Instruments OPT9221ZVM Datasheet HTML 7Page - Texas Instruments OPT9221ZVM Datasheet HTML 8Page - Texas Instruments OPT9221ZVM Datasheet HTML 9Page - Texas Instruments OPT9221ZVM Datasheet HTML 10Page - Texas Instruments OPT9221ZVM Datasheet HTML 11Page - Texas Instruments OPT9221ZVM Datasheet HTML 12Page - Texas Instruments OPT9221ZVM Datasheet HTML 13Page - Texas Instruments OPT9221ZVM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
OPT9221
SBAS703A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
VCCIO4
P10
Power
1.8-V supply
VCCIO4
P13
Power
1.8-V supply
VCCIO4
T16
Power
1.8-V supply
VCCIO5
K14
Power
2.5-V supply
VCCIO5
M14
Power
2.5-V supply
VCCIO6
E14
Power
3.3-V supply
VCCIO6
G14
Power
3.3-V supply
VCCIO7
A16
Power
1.8-V supply
VCCIO7
C10
Power
1.8-V supply
VCCIO7
C13
Power
1.8-V supply
VCCIO8
A1
Power
1.8-V supply
VCCIO8
C4
Power
1.8-V supply
VCCIO8
C7
Power
1.8-V supply
VD
K1
Output
1.8 V
VCCIO2
Indicates the frame boundary
VD_FR
A13
Input
1.8 V
VCCIO7
Sensor Frame VD
VD_IN
A7
Input
1.8 V
VCCIO1
External Sync input
VD_QD
A10
Input
1.8 V
VCCIO7
Sensor Quad VD
VD_SF
A12
Input
1.8 V
VCCIO7
Sensor Sub-Frame VD
VSYNC_OUT
A15
Output
1.8 V
VCCIO7
Sensor Sync input
6 Specifications
6.1 Absolute Maximum Ratings
at GND = 0 V and all voltages related to ground (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Core voltage
VCCINT
–0.5
1.8
V
I/O voltage
VCCIO
–0.5
3.75
V
PLL digital supply
VCCD_PLL
–0.5
4.5
V
PLL Analog supply
VCCA
–0.5
3.75
V
Input voltage at input pins, VI
–0.5
4.2
V
Output current from output pins, IOUT
–25
40
mA
Operating junction temperature, TJ
–40
125
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the device ground.
6.2 ESD Ratings
MIN
MAX
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT9221


Số phần tương tự - OPT9221ZVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Mô tả tương tự - OPT9221ZVM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com