công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT9221 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện OPT9221
Giải thích chi tiết về linh kiện  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OPT9221 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button OPT9221_15 Datasheet HTML 3Page - Texas Instruments OPT9221_15 Datasheet HTML 4Page - Texas Instruments OPT9221_15 Datasheet HTML 5Page - Texas Instruments OPT9221_15 Datasheet HTML 6Page - Texas Instruments OPT9221_15 Datasheet HTML 7Page - Texas Instruments OPT9221_15 Datasheet HTML 8Page - Texas Instruments OPT9221_15 Datasheet HTML 9Page - Texas Instruments OPT9221_15 Datasheet HTML 10Page - Texas Instruments OPT9221_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
OPT9221
www.ti.com
SBAS703A – JUNE 2015 – REVISED JUNE 2015
Pin Functions (continued)
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
HD_QD
A11
Input
1.8 V
VCCIO7
Sensor HD
ILLUM_FB
B16
Input
3.3 V
VCCIO6
Comparator output feedback to TFC
Illumination modulation signal input. Connect to
ILLUM_MOD_FB
E15
Input
3.3 V
VCCIO6
ILLUM_P/M of the OPT8241 sensor.
ILLUM_REF
F13
Output
3.3 V
VCCIO6
Comparator reference signal
ILLUM_SW_1
C16
Output
3.3 V
VCCIO6
DCDC control signal 1
ILLUM_SW_2
C15
Output
3.3 V
VCCIO6
DCDC control signal 2
INT_OUT
G2
Output
1.8 V
VCCIO1
Interrupt to external host
INT_PMIC
G5
Input
1.8 V
VCCIO1
Interrupt from PMIC
Reference modulation signal from the TFC for measuring
IO_MOD_REF
F15
Output
3.3 V
VCCIO6
TFC I/O delay
I2C_MAS_SCL
D8
Output
1.8 V
VCCIO8
I2C master clk
I2C_MAS_SDA
C8
Bidir
1.8 V
VCCIO8
I2C master data
I2C_SCL_SENSOR
D9
Output
1.8 V
VCCIO7
Dedicated I2C for sensor - clock
I2C_SDA_SENSOR
C9
Bidir
1.8 V
VCCIO7
Dedicated I2C for sensor - data
I2C_SLV_SCL
F1
Input
1.8 V
VCCIO1
I2C slave clk
I2C_SLV_SDA
F2
Bidir
1.8 V
VCCIO1
I2C slave data
OP_CLK
K5
Output
1.8 V
VCCIO2
Output data clock
Indicates the validity of the data output. Useful for SPI
OP_CS
K6
Output
1.8 V
VCCIO2
mode.
OP_DATA_0
R1
Output
1.8 V
VCCIO2
Output data bit 0
OP_DATA_1
P1
Output
1.8 V
VCCIO2
Output data bit 1
OP_DATA_2
P2
Output
1.8 V
VCCIO2
Output data bit 2
OP_DATA_3
N1
Output
1.8 V
VCCIO2
Output data bit 3
OP_DATA_4
N2
Output
1.8 V
VCCIO2
Output data bit 4
OP_DATA_5
L1
Output
1.8 V
VCCIO2
Output data bit 5
OP_DATA_6
L2
Output
1.8 V
VCCIO2
Output data bit 6
OP_DATA_7
L4
Output
1.8 V
VCCIO2
Output data bit 7
OVERFLOW
L3
Input
1.8 V
VCCIO2
Used to indicate failure in flow control.
PHASE_AUX
K2
Output
1.8 V
VCCIO2
Indicates the type of data on the output bus.
READY
M1
Input
1.8 V
VCCIO2
Used to achieve flow control of the output data.
RESETZ
C2
Input
1.8 V
VCCIO1
Global reset for the TFC
RSVD
A6
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
B4
Bidir
3.3 V
VCCIO6
Leave unconnected
RSVD
B5
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
B6
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
B10
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
B11
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
B12
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
B13
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
C3
Bidir
1.8 V
VCCIO8
Leave unconnected
RSVD
C6
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
C11
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
C14
Bidir
1.8 V
VCCIO7
Leave unconnected
RSVD
D3
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
D5
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
RSVD
D6
Bidir
1.8 V
VCCIO8
Reserved. Leave unconnected.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPT9221


Số phần tương tự - OPT9221_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Mô tả tương tự - OPT9221_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com