công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPT9221 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện OPT9221
Giải thích chi tiết về linh kiện  OPT9221 Time-of-Flight Controller
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

OPT9221 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button OPT9221_15 Datasheet HTML 2Page - Texas Instruments OPT9221_15 Datasheet HTML 3Page - Texas Instruments OPT9221_15 Datasheet HTML 4Page - Texas Instruments OPT9221_15 Datasheet HTML 5Page - Texas Instruments OPT9221_15 Datasheet HTML 6Page - Texas Instruments OPT9221_15 Datasheet HTML 7Page - Texas Instruments OPT9221_15 Datasheet HTML 8Page - Texas Instruments OPT9221_15 Datasheet HTML 9Page - Texas Instruments OPT9221_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
OPT9221
SBAS703A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
I/O
I/O BANK
DESCRIPTION
STANDARD
NAME
NO.
GND
B2
Power
Digital ground
GND
B15
Power
Digital ground
GND
C5
Power
Digital ground
GND
C12
Power
Digital ground
GND
D7
Power
Digital ground
GND
D10
Power
Digital ground
GND
E2
Power
Digital ground
GND
E4
Power
Digital ground
GND
E13
Power
Digital ground
GND
F6
Power
Digital ground
GND
F10
Power
Digital ground
GND
G4
Power
Digital ground
GND
G13
Power
Digital ground
GND
H7
Power
Digital ground
GND
H8
Power
Digital ground
GND
H9
Power
Digital ground
GND
H10
Power
Digital ground
GND
H15
Power
Digital ground
GND
H16
Power
Digital ground
GND
J7
Power
Digital ground
GND
J8
Power
Digital ground
GND
J9
Power
Digital ground
GND
J10
Power
Digital ground
GND
J11
Power
Digital ground
GND
K4
Power
Digital ground
GND
K8
Power
Digital ground
GND
K13
Power
Digital ground
GND
M4
Power
Digital ground
GND
M13
Power
Digital ground
GND
N7
Power
Digital ground
GND
N10
Power
Digital ground
GND
P5
Power
Digital ground
GND
P12
Power
Digital ground
GND
R2
Power
Digital ground
GND
R15
Power
Digital ground
GNDA1
M5
Power
Analog ground
GNDA2
E12
Power
Analog ground
GNDA3
E5
Power
Analog ground
GNDA4
M12
Power
Analog ground
GPI_0
F9
Input
1.8 V
VCCIO7
Sensor general purpose pin
GPI_1
E9
Input
1.8 V
VCCIO7
Sensor general purpose pin
GPO_1
B3
Output
1.8 V
VCCIO8
General purpose output
GPO_2
A3
Output
1.8 V
VCCIO8
General purpose output
GPO_3
A2
Output
1.8 V
VCCIO8
General purpose output
GPO_0
A4
Output
1.8 V
VCCIO8
General purpose output
HD/BD
J2
Output
1.8 V
VCCIO2
Indicates the row boundary or block boundary
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: OPT9221


Số phần tương tự - OPT9221_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
OPT-0025-00-C ATGBICS-OPT-0025-00-C Datasheet
592Kb / 15P
   OPT-0025-00 F5 Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Delta Electronics, Inc.
OPT-1250A1F1 DELTA-OPT-1250A1F1 Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1A DELTA-OPT-1250A1F1A Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1AH DELTA-OPT-1250A1F1AH Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
OPT-1250A1F1B DELTA-OPT-1250A1F1B Datasheet
165Kb / 10P
   RoHS Compliant 1X9 SC Duplex Receptacle Transceiver Module for Gigabit Ethernet
More results

Mô tả tương tự - OPT9221_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
   Time-of-Flight Sensor
v2-00 2023-Feb-21
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
   Time-of-Flight Sensor
2019-July-22
logo
Texas Instruments
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
Texas Instruments
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
[Old version datasheet]   3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
   Time-of-Flight Sensor Array
logo
Texas Instruments
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
OPT8320 TI-OPT8320_V01 Datasheet
563Kb / 12P
[Old version datasheet]   OPT8320 3D Time-of-Flight Sensor
logo
Analog Devices
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
   1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
Melexis Microelectronic...
EVK75123 MELEXIS-EVK75123 Datasheet
726Kb / 2P
   TIME-OF-FLIGHT CHIPSET EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com