công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM97937 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM97937
Giải thích chi tiết về linh kiện  LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM97937 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM97937_15 Datasheet HTML 1Page - Texas Instruments LM97937_15 Datasheet HTML 2Page - Texas Instruments LM97937_15 Datasheet HTML 3Page - Texas Instruments LM97937_15 Datasheet HTML 4Page - Texas Instruments LM97937_15 Datasheet HTML 5Page - Texas Instruments LM97937_15 Datasheet HTML 6Page - Texas Instruments LM97937_15 Datasheet HTML 7Page - Texas Instruments LM97937_15 Datasheet HTML 8Page - Texas Instruments LM97937_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
±120
±100
±80
±60
±40
±20
0
0.0
50.0
100.0
150.0
Frequency [MHz]
C063
Input = 150 MHz, -3dBFS
SNRBoost Mode
SNR = 71.4 dBFS (100MHz)
SFDR = 88.2 dBFS
LM97937
www.ti.com
SNVS990A – DECEMBER 2013 – REVISED JANUARY 2014
LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and
JESD204B Outputs
Check for Samples: LM97937
1
FEATURES
DESCRIPTION
Conversion Rate: 370 MSPS
The LM97937 device is a dual-channel 370 MSPS
1.7 VP-P Input Full Scale Range
analog-to-digital converter (ADC) with JESD204B
SNRBoost Noise Shaping with 100 MHz
interface
operating
up
to
7.4
Gb/s.
SNRBoost
Bandpass Bandwidth
technology with bandpass spectral shaping improves
the noise density at the intermediate frequency and
Noise Spectral Density: –152.0 dBFS/Hz
Bit-Burst technology provides temporary and periodic
Programmable Passband Center Frequency
resolution enhancement. The integrated input buffer
Bit-Burst Resolution Switching
reduces charge kick-back noise and eases the
system level design of the driving amplifier, anti-
Resolutions: 9-bit (Low-Res), 14-bit (Hi-Res)
aliasing filter and impedance matching. An input
Hi-Res Noise Density: –152.7 dBFS/Hz
sampling clock divider provides integer divide ratios
Programmable Burst Configurations
with configurable phase selection to simplify system
clocking. The device comes in a 56-pin, 8-mm × 8-
Performance
mm QFN package.
Input: 150 MHz, –3 dBFS
SNR (SNRBoost): 71.6 dBFS
SNR (Bit-Burst): 69.6 dBFS
SFDR: 88 dBFS
non-HD2/HD3 SPUR: –90 dBFS
Power Dissipation: 876 mW/channel
Buffered Analog Inputs
On-chip Precision Reference Without External
Bypassing
Input Sampling Clock Divider with Phase
Synchronization (Divide-by- 1, 2, 4 or 8)
JESD204B Subclass 1 Serial Data Interface
Lane Rates up to 7.4 Gb/s
Configurable as 1- or 2-lanes/channel
Fast Over-range Signals
4-wire, 1.2 V, 1.8 V, 2.5V or 3.3V Compatible
SPI
56-pin QFN Package, (8 x 8 mm, 0.5mm pin-
pitch)
Figure 1. 1-Tone Spectrum, SNRBoost Mode, 150
MHz
APPLICATIONS
High IF Sampling Receivers
Multi-Carrier Base Station Receivers
GSM/EDGE, CDMA2000, UMTS, LTE, and
WiMax
Diversity, Multi-Mode and Multiband Receivers
Digital Pre-Distortion
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM97937_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937RMER TI1-LM97937RMER Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
LM97937RMET TI1-LM97937RMET Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results

Mô tả tương tự - LM97937_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937 TI1-LM97937 Datasheet
4Mb / 80P
[Old version datasheet]   Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com