công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UC1843-SP bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện UC1843-SP
Giải thích chi tiết về linh kiện  QML CLASS V, CURRENT-MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

UC1843-SP bảng dữ liệu(HTML) 2 Page - Texas Instruments

  UC1843-SP_15 Datasheet HTML 1Page - Texas Instruments UC1843-SP_15 Datasheet HTML 2Page - Texas Instruments UC1843-SP_15 Datasheet HTML 3Page - Texas Instruments UC1843-SP_15 Datasheet HTML 4Page - Texas Instruments UC1843-SP_15 Datasheet HTML 5Page - Texas Instruments UC1843-SP_15 Datasheet HTML 6Page - Texas Instruments UC1843-SP_15 Datasheet HTML 7Page - Texas Instruments UC1843-SP_15 Datasheet HTML 8Page - Texas Instruments UC1843-SP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
a
b
c
d
Origin
UC1843-SP
SLUS981 – MARCH 2010
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD
5962-8670410V9A(3)
NA
JG
5962-8670410VPA(3)
8670410VPA / UC1843-SP
–55°C to 125°C
JG
5962-8670402VPA
8670402VPA / UC1843
5962-8670402VXA /
FK
5962-8670402VXA
UC1843LQMLV
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging
(3)
Radiation tolerant version
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
Insulated
AlCu (0.5%)
Table 1. BOND PAD COORDINATES (in Mils)
DESCRIPTION
PAD NUMBER
a
b
c
d
COMP
1
78.70
63.40
82.90
67.60
VFB
2
70.60
63.40
74.80
67.60
ISENSE
3
39.40
63.40
43.60
67.60
RT/CT
4
18.60
61.20
22.60
65.60
PWR GROUND
5
17.80
11.70
22.00
15.90
GROUND
6
17.40
3.90
21.80
8.10
OUTPUT
7
32.60
6.40
36.80
10.60
VC
8
47.50
6.40
51.70
10.60
VCC
9
54.60
6.40
58.80
10.60
VREF
10
68.70
6.40
72.90
10.60
NC
TESTPAD
87.10
6.30
90.80
10.30
NC
TESTPAD
87.10
12.60
90.80
16.60
NC
TESTPAD
87.10
18.00
90.80
22.00
NC
TESTPAD
87.10
24.30
90.80
28.30
NC
TESTPAD
87.10
30.60
90.80
34.60
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UC1843-SP


Số phần tương tự - UC1843-SP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1843-DIE TI-UC1843-DIE Datasheet
54Kb / 4P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843-DIE TI-UC1843-DIE_15 Datasheet
44Kb / 4P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843-HIREL TI1-UC1843-HIREL Datasheet
214Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
UC1843-HIREL TI-UC1843-HIREL_15 Datasheet
182Kb / 10P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER (KNOWN GOOD DIE)
More results

Mô tả tương tự - UC1843-SP_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
UC1842A-SP TI1-UC1842A-SP_15 Datasheet
964Kb / 30P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP_16 Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1842A-SP TI1-UC1842A-SP Datasheet
650Kb / 15P
[Old version datasheet]   QML CLASS V, CURRENT-MODE PWM CONTROLLERS
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
SE555-SP TI1-SE555-SP Datasheet
355Kb / 18P
[Old version datasheet]   QML CLASS V PRECISION TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com