công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7Y4R8-60E bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK7Y4R8-60E
Giải thích chi tiết về linh kiện  N-channel 60 V, 4.8 m standard level MOSFET in LFPAK56
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7Y4R8-60E bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK7Y4R8-60E_15 Datasheet HTML 1Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 2Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 3Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 4Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 5Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 6Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 7Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 8Page - NXP Semiconductors BUK7Y4R8-60E_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BUK7Y4R8-60E
N-channel 60 V, 4.8 mΩ standard level MOSFET in LFPAK56
7 May 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Standard level N-channel MOSFET in an LFPAK56 (Power SO8) package using
TrenchMOS technology. This product has been designed and qualified to AEC Q101
standard for use in high performance automotive applications.
2. Features and benefits
Q101 compliant
Repetitive avalanche rated
Suitable for thermally demanding environments due to 175 °C rating
True standard level gate with VGS(th) rating of greater than 1 V at 175 °C
3. Applications
12 V Automotive systems
Motors, lamps and solenoid control
Transmission control
Ultra high performance power switching
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
60
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
[1]
-
-
100
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
238
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
2.9
4.8
Dynamic characteristics
QGD
gate-drain charge
ID = 25 A; VDS = 48 V; VGS = 10 V;
Tj = 25 °C; Fig. 13; Fig. 14
-
22.2
-
nC
[1] Continuous current is limited by package.


Số phần tương tự - BUK7Y4R8-60E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7Y4R8-60E NXP-BUK7Y4R8-60E Datasheet
296Kb / 13P
   N-channel 60 V, 4.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y4R8-60E NEXPERIA-BUK7Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ standard level MOSFET in LFPAK56
7 May 2013
More results

Mô tả tương tự - BUK7Y4R8-60E_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7Y4R8-60E NXP-BUK7Y4R8-60E Datasheet
296Kb / 13P
   N-channel 60 V, 4.8 m廓 standard level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK7Y4R8-60E NEXPERIA-BUK7Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ standard level MOSFET in LFPAK56
7 May 2013
logo
NXP Semiconductors
BUK9Y4R8-60E PHILIPS-BUK9Y4R8-60E_15 Datasheet
306Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
8 May 2013
BUK9Y4R8-60E NXP-BUK9Y4R8-60E Datasheet
298Kb / 13P
   N-channel 60 V, 4.8 m廓 logic level MOSFET in LFPAK56
20 February 2013
logo
Nexperia B.V. All right...
BUK9Y4R8-60E NEXPERIA-BUK9Y4R8-60E Datasheet
733Kb / 13P
   N-channel 60 V, 4.8 mΩ logic level MOSFET in LFPAK56
7 January 2016
logo
NXP Semiconductors
BUK7Y7R2-60E PHILIPS-BUK7Y7R2-60E_15 Datasheet
344Kb / 13P
   N-channel 60 V, 7.2 m standard level MOSFET in LFPAK56
6 November 2013
BUK7Y8R7-60E PHILIPS-BUK7Y8R7-60E_15 Datasheet
341Kb / 12P
   N-channel 60 V, 8.7 m standard level MOSFET in LFPAK56
7 May 2013
BUK7Y59-60E PHILIPS-BUK7Y59-60E_15 Datasheet
321Kb / 13P
   N-channel 60 V, 59 m廓 standard level MOSFET in LFPAK56
7 May 2013
BUK7Y43-60E NXP-BUK7Y43-60E Datasheet
294Kb / 13P
   N-channel 60 V, 43 m廓 standard level MOSFET in LFPAK56
20 February 2013
BUK7Y6R0-60E NXP-BUK7Y6R0-60E Datasheet
299Kb / 13P
   N-channel 60 V, 6.0 m廓 standard level MOSFET in LFPAK56
20 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com