công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1209 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện ADS1209
Giải thích chi tiết về linh kiện  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADS1209 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS1209_15 Datasheet HTML 2Page - Texas Instruments ADS1209_15 Datasheet HTML 3Page - Texas Instruments ADS1209_15 Datasheet HTML 4Page - Texas Instruments ADS1209_15 Datasheet HTML 5Page - Texas Instruments ADS1209_15 Datasheet HTML 6Page - Texas Instruments ADS1209_15 Datasheet HTML 7Page - Texas Instruments ADS1209_15 Datasheet HTML 8Page - Texas Instruments ADS1209_15 Datasheet HTML 9Page - Texas Instruments ADS1209_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
AVDD
AGND
REFINA
NC
CHA+
CHA
-
CHB
-
CHB+
NC
REFINB
AGND
AVDD
AVDD
REFOUT
AGND
OUTA
OUTB
CLKOUT
BGND
BVDD
CLKIN
CLKSEL
AGND
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
ADS1209
14
13
ADS1209
SBAS491 – FEBRUARY 2010
www.ti.com
PIN CONFIGURATION
PW PACKAGE
TSSOP-24
(TOP VIEW)
PIN DESCRIPTIONS
PIN
NAME
NO.
I/O(1)
DESCRIPTION
AVDD
1
P
Analog power supply; nominal 5V. Decouple to AGND with a 0.1µF ceramic capacitor.
AGND
2
P
Analog ground. Connect to analog ground plane.
REFINA
3
AI
Reference voltage input for channel A
NC
4
NC
This pin is not internally connected
CHA+
5
AI
Fully differential noninverting analog input channel A
CHA–
6
AI
Fully differential inverting analog input channel A
CHB–
7
AI
Fully differential inverting analog input channel B
CHB+
8
AI
Fully differential noninverting analog input channel B
NC
9
NC
This pin is not internally connected
REFINB
10
AI
Reference voltage input for channel B
AGND
11
P
Analog ground. Connect to analog ground plane.
AVDD
12
P
Analog power supply; nominal 5V. Decouple to AGND with a 0.1µF ceramic capacitor.
AVDD
13
P
Analog power supply; nominal 5V. Decouple to AGND with a 0.1µF ceramic capacitor.
AGND
14
P
Analog ground. Connect to analog ground plane.
Clock select input. When this pin is low, an external clock source at CLKIN is used. When high, the
CLKSEL
15
DI
internal RC oscillator is used as clock source.
CLKIN
16
DI
External clock input. Must be tied to BVDD or BGND, if not used.
BVDD
17
P
I/O buffer power supply, nominal: 3V. Decouple to BGND with a 0.1µF ceramic capacitor
BGND
18
P
I/O buffer ground. Connect to digital ground plane
CLKOUT
19
DO
Bit stream clock output
OUTB
20
DO
Bit stream data output of channel B modulator
OUTA
21
DO
Bit stream data output of channel A modulator
AGND
22
P
Analog ground. Connect to analog ground plane.
REFOUT
23
AO
Internal reference voltage output, nominal: 2.5V. Decouple to AGND with a 0.1µF ceramic capacitor.
AVDD
24
P
Analog power supply, nominal: 5V. Decouple to AGND with a 0.1µF ceramic capacitor.
(1)
AI = analog input; AO = analog output; DI = digital input; DO = digital output; P = power supply; NC = not connected.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS1209


Số phần tương tự - ADS1209_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Mô tả tương tự - ADS1209_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com