công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32J24IRGZT bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32J24IRGZT
Giải thích chi tiết về linh kiện  ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC32J24IRGZT bảng dữ liệu(HTML) 4 Page - Texas Instruments

  ADC32J24IRGZT Datasheet HTML 1Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 2Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 3Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 4Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 5Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 6Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 7Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 8Page - Texas Instruments ADC32J24IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
ADC32J22, ADC32J23, ADC32J24, ADC32J25
SBAS668A – MAY 2014 – REVISED JUNE 2015
www.ti.com
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
4, 5, 8, 9, 12, 17,
AVDD
20, 25, 28, 29, 32,
I
Analog 1.8-V power supply
39, 46
CLKM
18
I
Negative differential clock input for the ADC
CLKP
19
I
Positive differential clock input for the ADC
DAM
48
O
Negative serial JESD204B output for channel A
DAP
47
O
Positive serial JESD204B output for channel A
DBM
45
O
Negative serial JESD204B output for channel B
DBP
44
O
Positive serial JESD204B output for channel B
DVDD
3,34
I
Digital 1.8-V power supply
GND
PowerPAD™
I
Ground, 0 V
INAM
11
I
Negative differential analog input for channel A
INAP
10
I
Positive differential analog input for channel A
INBM
26
I
Negative differential analog input for channel B
INBP
27
I
Positive differential analog input for channel B
2, 6, 7, 30, 31, 35,
NC
Do not connect
37, 38, 40, 41
OVRA
1
O
Overrange indicator for channel A
OVRB
36
O
Overrange indicator for channel B
PDN
33
I
Power-down control. This pin has an internal 150-k
Ω pulldown resistor.
RESET
21
I
Hardware reset; active high. This pin has an internal 150-k
Ω pulldown resistor.
SCLK
13
I
Serial interface clock input. This pin has an internal 150-k
Ω pulldown resistor.
SDATA
14
I
Serial Interface data input. This pin has an internal 150-k
Ω pulldown resistor.
SDOUT
16
O
Serial interface data output
Serial interface enable; active low.
SEN
15
I
This pin has an internal 150-k
Ω pullup resistor to AVDD.
SYNCM~
42
I
Positive JESD204B synch input
SYNCP~
43
I
Negative JESD204B synch input
SYSREFM
23
I
Negative external SYSREF input
SYSREFP
22
I
Positive external SYSREF input
VCM
24
O
Common-mode voltage output for analog inputs
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADC32J22 ADC32J23 ADC32J24 ADC32J25


Số phần tương tự - ADC32J24IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZ25 TI1-ADC32J42IRGZ25 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZR TI1-ADC32J42IRGZR Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZT TI1-ADC32J42IRGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42RGZT TI1-ADC32J42RGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
More results

Mô tả tương tự - ADC32J24IRGZT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com