công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32J24IRGZR bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32J24IRGZR
Giải thích chi tiết về linh kiện  ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC32J24IRGZR bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC32J24IRGZR Datasheet HTML 1Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 2Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 3Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 4Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 5Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 6Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 7Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 8Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
Frequency (MHz)
0
16
32
48
64
80
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D201
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ADC32J22, ADC32J23, ADC32J24, ADC32J25
SBAS668A – MAY 2014 – REVISED JUNE 2015
ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
with JESD204B Interface
1 Features
3 Description
The ADC32J2x is a high-linearity, ultra-low power,
1
Dual Channel
dual-channel, 12-bit, 50-MSPS to 160-MSPS, analog-
12-Bit Resolution
to-digital converter (ADC) family. The devices are
Single 1.8-V Supply
designed specifically to support demanding, high
input frequency signals with large dynamic range
Flexible Input Clock Buffer with Divide-by-1, -2, -4
requirements. A clock input divider allows more
SNR = 70.3 dBFS, SFDR = 88 dBc at
flexibility for system clock architecture design and the
fIN = 70 MHz
SYSREF
input
enables
complete
system
Ultralow Power Consumption:
synchronization. The devices support JESD204B
interfaces in order to reduce the number of interface
227 mW/Ch at 160 MSPS
lines, thus allowing for high system integration
Channel Isolation: 105 dB
density. The JESD204B interface is a serial interface,
Internal Dither
where the data of each ADC are serialized and output
JESD204B Serial Interface:
over only one differential pair. An internal phase-
locked loop (PLL) multiplies the incoming ADC
Subclass 0, 1, 2 Compliant up to 3.2 Gbps
sampling clock by 20 to derive the bit clock that is
Supports One Lane per ADC up to 160 MSPS
used to serialize the 12-bit data from each channel.
Support for Multichip Synchronization
The devices support subclass 1 with interface speeds
up to 3.2 Gbps.
Pin-to-Pin Compatible with 14-Bit Version
(ADC32J4X)
Device Information(1)
Package: VQFN-48 (7 mm × 7 mm)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC32J2X
VQFN (48)
7.00 mm × 7.00 mm
2 Applications
(1) For all available packages, see the package option addendum
Multi-Carrier, Multi-Mode Cellular Base Stations
at the end of the datasheet.
Radar and Smart Antenna Arrays
Munitions Guidance
FFT with Dither On
Motor Control Feedback
(fS = 160 MSPS, SNR = 70.3 dBFS, fIN = 10 MHz,
Network and Vector Analyzers
SFDR = 92.6 dBc)
Communications Test Equipment
Nondestructive Testing
Microwave Receivers
Software Defined Radios (SDRs)
Quadrature and Diversity Radio Receivers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - ADC32J24IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZ25 TI1-ADC32J42IRGZ25 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZR TI1-ADC32J42IRGZR Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZT TI1-ADC32J42IRGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42RGZT TI1-ADC32J42RGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
More results

Mô tả tương tự - ADC32J24IRGZR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com