công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMZ21701 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LMZ21701
Giải thích chi tiết về linh kiện  LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMZ21701 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMZ21701_15 Datasheet HTML 1Page - Texas Instruments LMZ21701_15 Datasheet HTML 2Page - Texas Instruments LMZ21701_15 Datasheet HTML 3Page - Texas Instruments LMZ21701_15 Datasheet HTML 4Page - Texas Instruments LMZ21701_15 Datasheet HTML 5Page - Texas Instruments LMZ21701_15 Datasheet HTML 6Page - Texas Instruments LMZ21701_15 Datasheet HTML 7Page - Texas Instruments LMZ21701_15 Datasheet HTML 8Page - Texas Instruments LMZ21701_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LMZ21701
SNVS853D – AUGUST 2012 – REVISED NOVEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN
−0.3
20
V
VIN +0.3 V
EN, SS
−0.3
w/ 20 V
V
max
FB, PG, VOS
−0.3
7
V
PG sink current
10
mA
Junction Temperature (TJ-MAX)
−40
125
°C
Maximum Lead Temperature
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
−65
150
°C
Human body model (HBM),
−2000
2000
per ANSI/ESDA/JEDEC JS-001, all pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM),
−500
500
per JEDEC specification JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input Voltage Range
3
17
V
Output Voltage Range
0.9
6.0
V
Recommended Load Current
0
1000
mA
Junction Temperature (TJ) Range
−40
125
°C
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see the Electrical Characteristics section.
7.4 Thermal Information
LMZ21701
THERMAL METRIC(1)
SIL0008E
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
42.6
RθJC(top)
Junction-to-case (top) thermal resistance
20.8
RθJB
Junction-to-board thermal resistance
9.4
°C/W
ψJT
Junction-to-top characterization parameter
1.5
ψJB
Junction-to-board characterization parameter
9.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.8
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Junction-to-ambient thermal resistance (
θJA) is based on 4 layer board thermal measurements, performed under the conditions and
guidelines set forth in the JEDEC standards JESD51-1 to JESD51-11.
θJA varies with PCB copper area, power dissipation, and airflow.
4
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: LMZ21701


Số phần tương tự - LMZ21701_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701SILR TI1-LMZ21701SILR Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21701SILT TI1-LMZ21701SILT Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
More results

Mô tả tương tự - LMZ21701_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMZ21701 TI1-LMZ21701 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21701 1 A SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ10501 TI1-LMZ10501_16 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ10501 1-A SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ21700 TI-LMZ21700_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
LMZ21700 TI1-LMZ21700 Datasheet
1Mb / 37P
[Old version datasheet]   LMZ21700 650 mA SIMPLE SWITCHER짰 Nano Module with 17 V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10500 TI1-LMZ10500 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10500 650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI-LMZ10500_15 Datasheet
982Kb / 32P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
LMZ10501 TI1-LMZ10501 Datasheet
1Mb / 22P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10500 TI1-LMZ10500_16 Datasheet
1Mb / 34P
[Old version datasheet]   LMZ10500 650-mA SIMPLE SWITCHER짰 Nano Module With 5.5-V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com