công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMX2485Q-Q1 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LMX2485Q-Q1
Giải thích chi tiết về linh kiện  LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMX2485Q-Q1 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LMX2485Q-Q1_15 Datasheet HTML 7Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 8Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 9Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 10Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 11Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 12Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 13Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 14Page - Texas Instruments LMX2485Q-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Start 1.0 GHz
Stop 3.5 GHz
Marker 1:
50 MHz
Marker 4:
3.0 GHz
Marker 3:
2.0 GHz
Marker 2:
1.0 GHz
4
3
1
2
www.ti.com
SNOSCP7 – MARCH 2013
Typical Performance Characteristic: FinRF Input Impedance
Typical performance characteristics do not imply any sort of specification. Ensured specifications are in the Electrical
Characteristics section.
Figure 11.
FinRF Input Impedance
Frequency (MHz)
Real (Ohms)
Imaginary (Ohms)
50
670
-276
100
531
-247
200
452
-209
300
408
-212
400
373
-222
500
337
-231
600
302
-237
700
270
-239
800
241
-236
900
215
-231
1000
192
-221
1100
172
-218
1200
154
-209
1300
139
-200
1400
127
-192
1500
114
-184
1600
104
-175
1700
96
-168
1800
88
-160
1900
80
-153
2000
74
-147
2200
64
-134
2400
56
-123
2600
50
-113
2800
45
-103
3000
39
-94
3200
37
-86
3400
33
-78
3600
30
-72
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links:


Số phần tương tự - LMX2485Q-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMX2485Q-Q1 TI1-LMX2485Q-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Low Power Dual PLLatinum Frequency Synthesizers
More results

Mô tả tương tự - LMX2485Q-Q1_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485 TI1-LMX2485_14 Datasheet
1Mb / 43P
[Old version datasheet]   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com