công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3281 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM3281
Giải thích chi tiết về linh kiện  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3281 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM3281_15 Datasheet HTML 6Page - Texas Instruments LM3281_15 Datasheet HTML 7Page - Texas Instruments LM3281_15 Datasheet HTML 8Page - Texas Instruments LM3281_15 Datasheet HTML 9Page - Texas Instruments LM3281_15 Datasheet HTML 10Page - Texas Instruments LM3281_15 Datasheet HTML 11Page - Texas Instruments LM3281_15 Datasheet HTML 12Page - Texas Instruments LM3281_15 Datasheet HTML 13Page - Texas Instruments LM3281_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OSCILLATOR
RAMP
GENERATOR
OUTPUT
SHORT
PROTECTION
THERMAL
SHUTDOWN
DRIVER
CONTROL LOGIC
PWM
COMP.
Ref3
Ref2
NCP
OVERVOLTAGE
DETECTOR
ERROR
AMP
OLP
Ref4
LIGHT-LOAD
CHECK COMP
ECO COMP
FB
GND
SW
VIN
EN
BYPASS
CONTROL
FB
Ref1
MODE
SOFT
START
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LM3281 is a size- and performance-optimized step-down DC-DC converter for powering power amplifiers,
front-end modules, wireless connectivity solutions, and a wide variety of other applications. The device
complements the portfolio of SuPA (Supply for PA) products by combining small solution size, low dropout
analog bypass with smooth mode transitions, very low standby current for always-on applications, very low ripple
with “forced PWM” mode operation, high maximum output current, ability to drive large load capacitance while
retaining transient performance, and soft start to limit start-up current.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Small Solution Size
Solution size less than 7.5 mm2 is possible using the LM3281 in combination with only three small passive
components.
7.3.2 Automatic Analog Bypass with Low Dropout
An internal bypass transistor under analog control automatically engages as VIN falls below the VOUT target.
Output stays regulated in analog bypass mode until full dropout. The parallel impedance of this additional bypass
transistor with normal DC-DC output path reduces VOUT voltage drop-out, maximizing VOUT supply voltage to the
load at low VIN conditions. The analog implementation provides a smooth transition among regulation and bypass
modes, avoiding VOUT distortion.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281


Số phần tương tự - LM3281_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results

Mô tả tương tự - LM3281_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com