công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3281 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM3281
Giải thích chi tiết về linh kiện  LM3281 3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter for Wireless Connectivity Solutions
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM3281 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM3281_15 Datasheet HTML 2Page - Texas Instruments LM3281_15 Datasheet HTML 3Page - Texas Instruments LM3281_15 Datasheet HTML 4Page - Texas Instruments LM3281_15 Datasheet HTML 5Page - Texas Instruments LM3281_15 Datasheet HTML 6Page - Texas Instruments LM3281_15 Datasheet HTML 7Page - Texas Instruments LM3281_15 Datasheet HTML 8Page - Texas Instruments LM3281_15 Datasheet HTML 9Page - Texas Instruments LM3281_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM3281
SNVSA38 – NOVEMBER 2014
www.ti.com
6.6 System Characteristics
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD_MAX
(5)
Maximum load current
1200
mA
VO_RIPPLE_PWM
PWM mode VOUT ripple
ILOAD = 600 mA
1
mV
VO_RIPPLE_ECO
ECO mode VOUT ripple
ILOAD = 30 mA
60
VO_PWM_ACC
PWM mode VOUT
3.2
3.3
3.4
VIN = 3.8 V
V
VO_ECO_ACC
ECO mode VOUT
3.2
3.3
3.4
ITRIG_PWM_TO_ECO
PWM to ECO mode ILOAD
ILOAD falling
50
threshold
mA
ITRIG_ECO_TO_PWM
ECO to PWM mode ILOAD
ILOAD rising
70
threshold
VDROPOUT_BYPASS
Bypass mode total dropout
ILOAD = 600 mA, VIN = 3.2V
60
80
voltage with LSW inductor
mV
ILOAD = 1200 mA, VIN = 3.2V
120
160
DCR = 40 m
Ω
ION_SOFT_START
Soft-start supply current
EN = low-to-high,
during turnon averaged in
ILOAD ≤ 1 mA
500
1000
mA
any 10-µs window
TON
Turnon transient time from
EN = low-to-high,
EN = high until VOUT is
ILOAD ≤ 1 mA
settled to within ±50 mV of
150
µs
settled value, and full 1200-
mA load may be applied
ILOAD = 1200 mA
89%
PWM mode efficiency
ILOAD = 600 mA
93%
η
ILOAD = 300 mA
94%
ECO mode efficiency
ILOAD = 30 mA
91%
IQ_CL
Closed loop quiescent
ILOAD = 0 mA
16
25
µA
current
VLINE_TR_PWM_PWM
(6)
ILOAD = 600 mA
20
mVpk
PWM-to-PWM line
VIN = 4.2 V to 3.8 V
TLINE_TR_PWM_PWM
(7)
transient response
VIN = 3.8 V to 4.2 V with 7-µs
0(8)
µS
edge rate
VLOAD_TR_PWM_PWM
(6)
ILOAD = 150 mA to 600 mA or
80
mVpk
PWM-to-PWM load
ILOAD = 600 mA to 150 mA with
TLOAD_TR_PWM_PWM
(7)
transient response
3
µS
1-µs edge rate, VIN = 3.8 V
VLOAD_TR_ECO_TO_PWM
(6)
200
mVpk
ECO-to-PWM load
ILOAD = 30 mA to 600 mA with
transient response
1-µs edge rate, VIN = 3.8 V
TLOAD_TR_ECO_TO_PWM
(7)
6
µS
VIN_RAMP
(9)
ILOAD = 0 mA
Input voltage ramp time
Input power supply rising from
20
µs
1.2 V to 2.6 V
(1)
All voltages are with respect to the GND pin.
(2)
All TYP characteristics apply to the Simplified Schematic with VIN = 3.8 V, EN = MODE = VIN, at TA = 25°C, device in PWM operation,
unless otherwise noted and assume the following passive components:
(a) CIN = COUT = Samsung 2.2 µF 0201 case size (PN: CL03A225MQ3CRNC)
(b) LSW = Murata 0.47 µH 2012 case size (PN: LQM21PNR47MGH)
(c) CLOAD1 = Samsung 10 µF 0402 case size (PN: CL05A106MP5NUNC)
(d) CLOAD2 = Samsung 4.7 µF 0402 case size (PN: CL05A475MP5NRNC)
(3)
All system characteristics are specified by design, test or statistical analysis and are not specified by production testing.
(4)
Minimum (MIN) and Maximum (MAX) limits apply over the ambient temperature operating range –30°C to 90°C and over the VIN range
3 V to 5.5 V, unless otherwise noted.
(5)
Refer to section High Maximum Current in this data sheet for load current use case profile.
(6)
Transient magnitude is defined as maximum deviation from final settled value during transient time.
(7)
Transient time is defined as time elapsed from the start of the event to when VOUT is finally within ±50 mV of settled value.
(8)
Transient magnitude does not exceed ± 50 mV of settled value, so transient time is 0 µS.
(9)
This parameter is only applicable when EN is tied to VIN. See Power-On Reset section for further details.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3281


Số phần tương tự - LM3281_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3281YFQR TI1-LM3281YFQR Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
More results

Mô tả tương tự - LM3281_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3281 TI1-LM3281 Datasheet
1Mb / 26P
[Old version datasheet]   3.3-V, 1.2-A, 6-MHz Miniature Step-Down DC-DC Converter
logo
Allegro MicroSystems
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Sanken electric
BR301 SANKEN-BR301 Datasheet
346Kb / 10P
   3.3 V, 1 A Non-Isolated Step Down DC/DC Converter Module
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com