công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78XXL-T2Q-T bảng dữ liệu(PDF) 10 Page - Unisonic Technologies

tên linh kiện LM78XXL-T2Q-T
Giải thích chi tiết về linh kiện  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM78XXL-T2Q-T bảng dữ liệu(HTML) 10 Page - Unisonic Technologies

Back Button LM78XXL-T2Q-T Datasheet HTML 5Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 6Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 7Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 8Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 9Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 10Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 11Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 12Page - Unisonic Technologies LM78XXL-T2Q-T Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R101-006.U
NOTES FOR USE
1. Thermal design
Use a thermal design that allows for a sufficient margin in light of the power dissipation (Pd) in actual
operating conditions.
2. Absolute maximum ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating
conditions, etc., can break down the devices, thus making impossible to identify breaking mode, such as a short
circuit or an open circuit. If any over rated values will expect to exceed the absolute maximum ratings, consider
adding circuit protection devices, such as fuses.
3. GND voltage
The potential of GND pin must be minimum potential in all operating conditions.
4. Actions in strong electromagnetic field
Use caution when using the IC in the presence of a strong electromagnetic field as doing so may cause the
IC to malfunction.
5. Inter-pin shorts and mounting errors
Use caution when positioning the IC for mounting on printed circuit boards.
The IC may be damaged if there is any connection error or if pins are shorted together.
6. Thermal shutdown circuit
The IC incorporates a built-in thermal shutdown circuit (TSD circuit). The thermal shutdown circuit (TSD
circuit) is designed only to shut the IC off to prevent thermal runaway. It is not designed to protect the IC or
guarantee its operation. Do not continue to use the IC after operating this circuit or use the IC in an environment
where the operation of this circuit is assumed.
7. Overcurrent Protection Circuit
An overcurrent protection circuit is incorporated in order to prevention destruction due to short-time overload
currents.
Continued use of the protection circuits should be avoided. Please note that the current increases negatively
impact the temperature.
8. Testing on application boards
When testing the IC on an application board, connecting a capacitor to a pin with low impedance subjects the
IC to stress. Always discharge capacitors after each process or step. Always turn the IC's power supply off before
connecting it to or removing it from a jig or fixture during the inspection process. Ground the IC during assembly
steps as an antistatic measure. Use similar precaution when transporting or storing the IC.


Số phần tương tự - LM78XXL-T2Q-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LM78XXL-T2Q-T UTC-LM78XXL-T2Q-T Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM78XXL-T2Q-T ETL-LM78XXL-T2Q-T Datasheet
363Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM78XXL-T2Q-T UTC-LM78XXL-T2Q-T Datasheet
347Kb / 12P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Mô tả tương tự - LM78XXL-T2Q-T

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com