công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM78XX bảng dữ liệu(PDF) 11 Page - Unisonic Technologies

tên linh kiện LM78XX
Giải thích chi tiết về linh kiện  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM78XX bảng dữ liệu(HTML) 11 Page - Unisonic Technologies

Back Button LM78XX_15 Datasheet HTML 5Page - Unisonic Technologies LM78XX_15 Datasheet HTML 6Page - Unisonic Technologies LM78XX_15 Datasheet HTML 7Page - Unisonic Technologies LM78XX_15 Datasheet HTML 8Page - Unisonic Technologies LM78XX_15 Datasheet HTML 9Page - Unisonic Technologies LM78XX_15 Datasheet HTML 10Page - Unisonic Technologies LM78XX_15 Datasheet HTML 11Page - Unisonic Technologies LM78XX_15 Datasheet HTML 12Page - Unisonic Technologies LM78XX_15 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LM78XX
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R101-006.U
NOTES FOR USE(Cont.)
9. Ground Wiring Pattern
When using both small signal and large current GND patterns, it is recommended to isolate the two ground
patterns, placing a single ground point at the ground potential of application so that the pattern wiring resistance
and voltage variations caused by large currents do not cause variations in the small signal ground voltage. Be
careful not to change the GND wiring pattern of any external components, either.
10. Damage to the internal circuit or element may occur when the polarity of the VCC pin is opposite to that of
the other pins in applications.
(I.e. VCC is shorted with the GND pin while an external capacitor is charged.)
Use a maximum capacitance of 1000μF for the output pins. Inserting a diode to prevent back-current flow in
series with VCC or bypass diodes between VCC and each pin is recommended.


Số phần tương tự - LM78XX_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangzhou Tengyi Electr...
LM78XX-1A TENPOWER-LM78XX-1A Datasheet
1,016Kb / 5P
   EffectIveness up to 96 %, output 1 A, switch mode 3 - D DC-DC Module
logo
Fairchild Semiconductor
LM78XX FAIRCHILD-LM78XX_10 Datasheet
850Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_11 Datasheet
313Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
LM78XX UTC-LM78XX_17 Datasheet
306Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
More results

Mô tả tương tự - LM78XX_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com