công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1600CCMLS bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC12D1600CCMLS
Giải thích chi tiết về linh kiện  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600CCMLS bảng dữ liệu(HTML) 1 Page - Texas Instruments

  ADC12D1600CCMLS Datasheet HTML 1Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 2Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 3Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 4Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 5Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 6Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 7Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 8Page - Texas Instruments ADC12D1600CCMLS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
1
FEATURES
DESCRIPTION
2
Total Ionizing Dose (TID) to 300 krad(Si)
The
ADC12D1600QML
is
a
low
power,
high
Single Event Latch-up (SEL) > 120 MeV-
performance CMOS analog-to-digital converter that
cm2/mg
digitizes signals at a 12-bit resolution at sampling
Wide Temperature Range -55°C to +125°C
rates up to 3.2 GSPS in an interleaved mode. It can
also be used as a dual channel ADC for sampling
Low Power Consumption
rates up to 1.6 GSPS. For sampling rates below 800
R/W SPI for Extended Control Mode or Simple
MHz, there is a Low Sampling Power Saving Mode
Pin Control Mode
(LSPSM) that reduces power consumption to less
Interleaved Timing Automatic with Manual
than 1.4 W per channel (typical). The ADC can
Skew Adjust
support conversion rates as low as 200 MSPS.
Auto-Sync Function for Multi-Chip Systems
The ADC1600QML provides a flexible parallel LVDS
interface which has multiple SPI programmable
Time Stamp Feature to Capture External
options to facilitate board design and ASIC/FPGA
Trigger
data capture. The LVDS outputs are compatible with
Test Patterns at Output for System Debug
IEEE
1596.3-1996
and
support
programmable
1:1 Non-Demuxed or 1:2 or 1:4 Parallel
common mode voltage. The output of each channel is
Demuxed LVDS Outputs
configurable in either 1:1 non-demuxed or 1:2
demuxed modes. If used as a single channel ADC,
Single 1.9V Power Supply
there is an option for 1:4 demuxing of the output. The
376 CPGA Hermetic Package
product comes in a hermetic 376 CPGA package for
harsh environments.
APPLICATIONS
Direct RF Down Conversion
Wideband Communications
Data Acquisition Systems
Military Communications
SIGINT
RADAR / LIDAR
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - ADC12D1600CCMLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
ADC12D1600CIUT/NOPB TI1-ADC12D1600CIUT/NOPB Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Mô tả tương tự - ADC12D1600CCMLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com