công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D1600QML bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADC12D1600QML
Giải thích chi tiết về linh kiện  12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600QML bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADC12D1600QML Datasheet HTML 7Page - Texas Instruments ADC12D1600QML Datasheet HTML 8Page - Texas Instruments ADC12D1600QML Datasheet HTML 9Page - Texas Instruments ADC12D1600QML Datasheet HTML 10Page - Texas Instruments ADC12D1600QML Datasheet HTML 11Page - Texas Instruments ADC12D1600QML Datasheet HTML 12Page - Texas Instruments ADC12D1600QML Datasheet HTML 13Page - Texas Instruments ADC12D1600QML Datasheet HTML 14Page - Texas Instruments ADC12D1600QML Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
VDR
DR GND
+
-
+
-
ADC12D1600QML
www.ti.com
SNAS615 – DECMEBER 2012
Table 5. High-Speed Digital Output Pins (continued)
Ball No.
Name
Equivalent Circuit
Description
A18/A19
DId11+/-
B17/C16
DId10+/-
A16/B16
DId9+/-
B15/C15
DId8+/-
C14/D14
DId7+/-
A14/B14
DId6+/-
B13/C13
DId5+/-
C12/D12
DId4+/-
Delayed I- and Q-channel Digital Data Outputs. In Non-
A12/B12
DId3+/-
Demux Mode, these outputs are tri-stated. In Demux Mode,
B11/C11
DId2+/-
these outputs provide ½ the data at ½ the sampling clock
C10/D10
DId1+/-
rate, synchronized with the non-delayed data, i.e. the other
A10/B10
DId0+/-
½ of the data which was sampled one clock cycle later.
·
·
Compared with the DI and DQ outputs, these outputs
Y18/Y19
DQd11+/-
represent the earlier time samples. If used, each of these
W17/V16
DQd10+/-
outputs should always be terminated with a 100
Ω differential
Y16/W16
DQd9+/-
resistor placed as closely as possible to the differential
W15/V15
DQd8+/-
receiver.
V14/U14
DQd7+/-
Y14/W14
DQd6+/-
W13/V13
DQd5+/-
V12/U12
DQd4+/-
Y12/W12
DQd3+/-
W11/V11
DQd2+/-
V10/U10
DQd1+/-
Y10/W10
DQd0+/-
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADC12D1600QML


Số phần tương tự - ADC12D1600QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Mô tả tương tự - ADC12D1600QML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D1620QML-SP TI1-ADC12D1620QML-SP Datasheet
3Mb / 82P
[Old version datasheet]   12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
ADC12D1620QML-SP TI-ADC12D1620QML-SP_V01 Datasheet
3Mb / 83P
[Old version datasheet]   ADC12D1620QML-SP 12-Bit, Single Or Dual, 3200- or 1600-MSPS RF Sampling Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9433 AD-AD9433_15 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSQZ-125 AD-AD9433BSQZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
AD9433BSVZ-125 AD-AD9433BSVZ-125 Datasheet
525Kb / 20P
   12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
REV. A
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
logo
Texas Instruments
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com