công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC79L05CLP bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện MC79L05CLP
Giải thích chi tiết về linh kiện  NEGATIVE-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MC79L05CLP bảng dữ liệu(HTML) 4 Page - Texas Instruments

  MC79L05CLP Datasheet HTML 1Page - Texas Instruments MC79L05CLP Datasheet HTML 2Page - Texas Instruments MC79L05CLP Datasheet HTML 3Page - Texas Instruments MC79L05CLP Datasheet HTML 4Page - Texas Instruments MC79L05CLP Datasheet HTML 5Page - Texas Instruments MC79L05CLP Datasheet HTML 6Page - Texas Instruments MC79L05CLP Datasheet HTML 7Page - Texas Instruments MC79L05CLP Datasheet HTML 8Page - Texas Instruments MC79L05CLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC79L00 SERIES
NEGATIVEVOLTAGE REGULATORS
SLVS011D − OCTOBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = −23 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
TJ
MC79L15C
MC79L15AC
UNIT
PARAMETER
TEST CONDITIONS†
TJ
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
25
°C
−13.8
−15
−16.2
−14.4
−15
−15.6
Output voltage‡
VI = −17.5 V to −30 V,
0
°C to 125°C
−13.5
−16.5
−14.25
−15.75
V
Output voltage‡
VI = −17.5 V to −30 V,
IO = 1 mA to 40 mA
0
°C to 125°C
−13.5
−16.5
−14.25
−15.75
V
VI = −23 V, IO = 1 mA to 70 mA
0
°C to 125°C
−13.5
−16.5
−14.25
−15.75
VI = −23 V, IO = 1 mA to 70 mA
0
°C to 125°C
−13.5
−16.5
−14.25
−15.75
Input regulation
VI = −17.5 V to −30 V
25
°C
300
300
mV
Input regulation
VI = −17.5 V to −30 V
25
°C
250
250
mV
Ripple rejection
VI = −18.5 V to −28.5 V, f = 120 Hz
25
°C
33
39
34
39
dB
Ripple rejection
VI = −18.5 V to −28.5 V, f = 120 Hz
25
°C
33
39
34
39
dB
Output regulation
IO = 1 mA to 100 mA
25
°C
150
150
mV
Output regulation
IO = 1 mA to 40 mA
25
°C
75
75
mV
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
90
90
µV
Dropout voltage
IO = 40 mA
25
°C
1.7
1.7
V
Bias current
25
°C
6.5
6.5
mA
Bias current
125
°C
6
6
mA
Bias current change
VI = −20 V to −30 V
0
°C to 125°C
1.5
1.5
mA
Bias current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.2
0.1
mA
† All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. Pulse-testing techniques are
used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately.
‡ This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Số phần tương tự - MC79L05CLP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
MC79L05CLP TI-MC79L05CLP Datasheet
324Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Mô tả tương tự - MC79L05CLP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com