công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401IRMSR bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH5401IRMSR
Giải thích chi tiết về linh kiện  8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH5401IRMSR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LMH5401IRMSR Datasheet HTML 1Page - Texas Instruments LMH5401IRMSR Datasheet HTML 2Page - Texas Instruments LMH5401IRMSR Datasheet HTML 3Page - Texas Instruments LMH5401IRMSR Datasheet HTML 4Page - Texas Instruments LMH5401IRMSR Datasheet HTML 5Page - Texas Instruments LMH5401IRMSR Datasheet HTML 6Page - Texas Instruments LMH5401IRMSR Datasheet HTML 7Page - Texas Instruments LMH5401IRMSR Datasheet HTML 8Page - Texas Instruments LMH5401IRMSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
FB+
IN
LMH5401
IN+
FB
4
5
6
7
GND
OUT+
OUT
GND
14
13
12
11
3
2
1
10
9
8
PD
CM
VS+
10 :
10 :
25 :
25 :
VS
VS
VS+
+

LMH5401
SBOS710B – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
5 Device Comparison Table
DEVICE
BW (AV = 12 dB)
DISTORTION
NOISE (nV/
√Hz)
LMH3401
7 GHz, G = 16 dB
–79-dBc HD2, –77-dBc HD3 at 500 MHz
1.4
LMH6554
1.6 GHz
–79-dBc HD2, –70-dBc HD3 at 250 MHz
0.9
LMH6552
0.8 GHz
–74-dBc HD2, –84-dBc HD3 at 70 MHz
1.1
6 Pin Configuration and Functions
RMS Package
UQFN-14
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CM
2
I
Input pin to set amplifier output common-mode voltage
FB–
7
O
Negative output feedback component connection
FB+
4
O
Positive output feedback component connection
GND
11, 14
P
Printed circuit board (PCB) ground
IN–
5
I
Negative input pin
IN+
6
I
Positive input pin
OUT–
12
O
Negative output pin
OUT+
13
O
Positive output pin
PD
9
I
Power-down (logic 1 = power down)
VS–
3, 8
P
Negative supply voltage
VS+
1, 10
P
Positive supply voltage
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMH5401


Số phần tương tự - LMH5401IRMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401 TI1-LMH5401 Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI1-LMH5401 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI-LMH5401-SP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
More results

Mô tả tương tự - LMH5401IRMSR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP_18 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com