công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH5401
Giải thích chi tiết về linh kiện  8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH5401 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LMH5401 Datasheet HTML 1Page - Texas Instruments LMH5401 Datasheet HTML 2Page - Texas Instruments LMH5401 Datasheet HTML 3Page - Texas Instruments LMH5401 Datasheet HTML 4Page - Texas Instruments LMH5401 Datasheet HTML 5Page - Texas Instruments LMH5401 Datasheet HTML 6Page - Texas Instruments LMH5401 Datasheet HTML 7Page - Texas Instruments LMH5401 Datasheet HTML 8Page - Texas Instruments LMH5401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
LMH5401
www.ti.com
SBOS710B – OCTOBER 2014 – REVISED JANUARY 2015
Revision History (continued)
Changed 1.2 V to the specified minimum voltage in the third paragraph of the Fully-Differential Amplifier section............ 25
Added sixth sentence stating the feedback path must always be dc-coupled to the AC-Coupled Signal Path
Considerations section ......................................................................................................................................................... 25
Added AV = 4 V/V to title of Figure 62 ................................................................................................................................. 29
Deleted example from the Operation with a Single Supply section ..................................................................................... 30
Added Stability section ........................................................................................................................................................ 31
Changed 15 dB to 19 dB in third paragraph of SFDR Considerations section ................................................................... 37
Added Figure 74 to the Active Balun section ...................................................................................................................... 41
Changes from Original (October 2014) to Revision A
Page
Changed Output Common-Mode Control Pin, VCM voltage range low and high parameter typical specifications in 5-V
Electrical Characteristics ........................................................................................................................................................ 7
Changed Output Common-Mode Control Pin, VCM voltage range low and high parameter specifications in 3.3-V
Electrical Characteristics table ............................................................................................................................................... 9
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH5401


Số phần tương tự - LMH5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401 TI1-LMH5401 Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI1-LMH5401 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI-LMH5401-SP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
More results

Mô tả tương tự - LMH5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP_18 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com