công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH5401 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LMH5401
Giải thích chi tiết về linh kiện  8-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMH5401 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LMH5401 Datasheet HTML 2Page - Texas Instruments LMH5401 Datasheet HTML 3Page - Texas Instruments LMH5401 Datasheet HTML 4Page - Texas Instruments LMH5401 Datasheet HTML 5Page - Texas Instruments LMH5401 Datasheet HTML 6Page - Texas Instruments LMH5401 Datasheet HTML 7Page - Texas Instruments LMH5401 Datasheet HTML 8Page - Texas Instruments LMH5401 Datasheet HTML 9Page - Texas Instruments LMH5401 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
LMH5401
SBOS710B – OCTOBER 2014 – REVISED JANUARY 2015
www.ti.com
7.5 Electrical Characteristics: VS = 5 V
At TA = 25°C, VS+ = 2.5 V, VS– = –2.5 V, VCM = 0 V, RL = 200-Ω differential, G = 12 dB (4 V/V), single-ended input,
differential output, and RS = 50 Ω, unless otherwise noted.
(1)
TEST
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(2)
AC PERFORMANCE
GBP
Gain bandwidth product
G = 30 dB (32 V/V)
8
GHz
C
SSBW
Small-signal, –3-dB bandwidth
VO = 200 mVPP
6.2
GHz
C
LSBW
Large-signal, –3-dB bandwidth
VO = 2.0 VPP
4.8
GHz
C
Bandwidth for 0.1-dB flatness
VO = 2.0 VPP
800
MHz
C
SR
Slew rate
2-V step
17500
V/µs
C
Rise and fall time
1-V step, 10% to 90%
80
ps
C
Overdrive recovery
Overdrive = ±0.5 V
300
ps
C
Output balance error
f = 1 GHz
47
dBc
C
zo
Output impedance
At dc, differential
16
20
24
Ω
A
0.1% settling time
2 V, RL = 200 Ω
1
ns
C
f = 100 MHz, VO = 2 VPP
–99
dBc
C
f = 200 MHz, VO = 2 VPP
–92
dBc
C
Second-order harmonic
HD2
distortion
f = 500 MHz, VO = 2 VPP
–75
dBc
C
f = 1 GHz, VO = 2 VPP
–56
dBc
C
f = 100 MHz, VO = 2 VPP
–94
dBc
C
f = 200 MHz, VO = 2 VPP
–90
dBc
C
HD3
Third-order harmonic distortion
f = 500 MHz, VO = 2 VPP
–75
dBc
C
f = 1 GHz, VO = 2 VPP
–58
dBc
C
f = 100 MHz, VO = 1 VPP per tone
–95
dBc
C
f = 200 MHz, VO = 1 VPP per tone
–91
dBc
C
IMD3
Third-order intermodulation
f = 500 MHz, VO = 1 VPP per tone
–75
dBc
C
f = 1 GHz, VO = 1 VPP per tone
–60
dBc
C
f = 100 MHz, VO = 1 VPP per tone
–95
dBc
C
f = 200 MHz, VO = 1 VPP per tone
–89
dBc
C
IMD2
Second-order intermodulation
f = 500 MHz, VO = 1 VPP per tone
–71
dBc
C
f = 1 GHz, VO = 1 VPP per tone
–52
dBc
C
NOISE PERFORMANCE
en
Input voltage noise density
1.25
nV/
√Hz
C
in
Input noise current
3.5
pA/
√Hz
C
RS = 50 Ω, SE-DE, 200 MHz
NF
Noise figure
9.6
dB
C
(see Figure 59)
INPUT
Differential resistance
Open-loop
4600
Ω
C
Input common-mode
VICL
VS–
(VS–) + 0.41
V
A
low voltage
Input common-mode
VICH
(VS+) – 1.41
(VS+) – 1.2
V
A
high voltage
CMRR
Common-mode rejection ratio
Differential, 1-VPP input shift, dc
72
dBc
C
(1)
The input resistance and corresponding gain are obtained with the external resistance added.
(2)
Test levels: (A) 100% tested at 25°C. Overtemperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LMH5401


Số phần tương tự - LMH5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH5401 TI1-LMH5401 Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401 TI1-LMH5401 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI-LMH5401-SP Datasheet
1Mb / 35P
[Old version datasheet]   LMH5485-SEP Radiation Tolerant Negative Rail Input, Rail-to-Rail Output, Precision, 850 MHz Fully Differential Amplifier
DECEMBER 2021
More results

Mô tả tương tự - LMH5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH3404 TI1-LMH3404 Datasheet
181Kb / 8P
[Old version datasheet]   Dual, 7-GHz, Low-Noise, Low-Power, Fully-Differential Amplifier
LMH3402 TI1-LMH3402 Datasheet
152Kb / 7P
[Old version datasheet]   LMH3402 Dual, 7-GHz, Low-Noise, Low-Power, Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP_18 Datasheet
1Mb / 54P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
LMH5401-SP TI1-LMH5401-SP Datasheet
1Mb / 51P
[Old version datasheet]   6.5-GHz, Low-Noise, Low-Power, Gain-Configurable Fully Differential Amplifier
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com