công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM-S3 bảng dữ liệu(PDF) 6 Page - Connor-Winfield Corporation

tên linh kiện STM-S3
Giải thích chi tiết về linh kiện  Stratum 3 Simplified Control Timing Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONNOR-WINFIELD [Connor-Winfield Corporation]
Trang chủ  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STM-S3 bảng dữ liệu(HTML) 6 Page - Connor-Winfield Corporation

  STM-S3_15 Datasheet HTML 1Page - Connor-Winfield Corporation STM-S3_15 Datasheet HTML 2Page - Connor-Winfield Corporation STM-S3_15 Datasheet HTML 3Page - Connor-Winfield Corporation STM-S3_15 Datasheet HTML 4Page - Connor-Winfield Corporation STM-S3_15 Datasheet HTML 5Page - Connor-Winfield Corporation STM-S3_15 Datasheet HTML 6Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722
HTTP://WWW.CONWIN.COM
DATA SHEET #: ____________ PAGE______ OF _______ REV:________ DATE:____________
CONNOR
WINFIELD
© Copyright 2000 Connor-Winfield all rights reserved.
Specifications subject to change without notice.
TM000
1/3/2000
04
NETWORK ELEMENT TIMING GENERATOR
STRATUM 3 SIMPLIFIED CONTROL
TIMING MODULES (STM-S3)
INT
6
6
MECHANICAL SHOCK 883D 2002 CONDITION B
1500 G’s 0.5 ms.
VIBRATION 883D-2007 C0NDITION A
0.06” DA or 20 g Peak Acceleration 20 to 2000 Hz.
MECHANICAL CHARACTERISTICS
APPLICATIONS CIRCUIT DIAGRAM
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE CYCLE 883D METHOD 1010.7 CONDITION B
10 Cycles -55 to +125 Degrees C.
HTOB - HIGH TEMPERATURE OPERATING BIAS
1000 Hours +125 Degrees C.
FACTORY RELIABILITY AUDIT
TEMPERATURE CYCLE
500 Cycles -55 to +125 Degrees C.
HTOB - HIGH TEMPERATURE OPERATING BIAS
1000 Hours +125 Degrees C.
PARTS TO BE QUALIFIED TO BELLCORE TR-NWT-00357
TEMPERATURE CYCLE
-40 to +85 Degrees C.
72 HOUR BURN-IN
+25 Degrees C.
STM-S3
PACKAGE
WITH COVER
BOTTOM VIEW
“A-A”
DETAIL “A-A”
.078 (1.98mm)
.040 (1.02mm)
.120
(3.05mm)
.030
(.762mm)
.180
(4.572mm)
2.400
(60.96mm)
2.000
(50.80mm)
.192
(4.876mm)
3.937
(100mm)
.300 TYP (22)
(7.62mm)
.445
(11.30mm)
PIN 1
.200
(5.08mm)
.600
(15.24mm)
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
16
9
15
10
13
12
14
11
BLOCK DIAGRAM
NETWORK
TIMING
REFERENCE
INPUT
eg. BITS CLOCK,etc.
FREE RUN CLOCK
COPY
SYSTEM
CLOCK
SYSTEM
CONTROL
ANDDATA
INPUTS
LOSSOF
REFERENCE
MONITOR
SECTION
+5Vdc
EXREF1
GND
EXREF2
GND
CLK_OUT
GND
SYNC_OUT
GND
PLL TVL
HOLDLAST
REF 1
REF 2
FRERUN
GND
ALARM OUT
CNTL A
CNTL B
BLOCK DIAGRAM
5 VOLT DC
POWER
SUPPLY


Số phần tương tự - STM-S3_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results

Mô tả tương tự - STM-S3_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Connor-Winfield Corpora...
MSTM-S3-T2-FD CONNOR-WINFIELD-MSTM-S3-T2-FD Datasheet
302Kb / 8P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
STM-S3 CONNOR-WINFIELD-STM-S3 Datasheet
223Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
SMTM-S3-T2-FD CONNOR-WINFIELD-SMTM-S3-T2-FD Datasheet
302Kb / 8P
   Stratum 3 Simplified Control Timing Modules
MSTM-S3-T2NC CONNOR-WINFIELD-MSTM-S3-T2NC Datasheet
248Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-R CONNOR-WINFIELD-MSTM-S3-R Datasheet
491Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3 CONNOR-WINFIELD-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-INT CONNOR-WINFIELD-MSTM-S3-INT Datasheet
249Kb / 6P
   Stratum 3 Simplified Control Timing Modules
logo
List of Unclassifed Man...
MSTM-S3 ETC2-MSTM-S3 Datasheet
219Kb / 6P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
logo
Connor-Winfield Corpora...
MSTM-S4E CONNOR-WINFIELD-MSTM-S4E Datasheet
182Kb / 5P
   STRATUM 4E SIMPLIFIED CONTROL TIMING MODULES
MSTM-SEC1 CONNOR-WINFIELD-MSTM-SEC1 Datasheet
1Mb / 16P
   Simplified Control Timing Module
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com