công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LVTN16244B bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện 74LVTN16244B
Giải thích chi tiết về linh kiện  3.3 V 16-bit buffer/driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVTN16244B bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button 74LVTN16244B_15 Datasheet HTML 3Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 4Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 5Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 6Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 7Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 8Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 9Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 10Page - NXP Semiconductors 74LVTN16244B_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74LVTN16244B
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 2 April 2012
7 of 16
NXP Semiconductors
74LVTN16244B
3.3 V 16-bit buffer/driver; 3-state
9.
Static characteristics
[1]
Typical values are measured at VCC = 3.3 V and at Tamb = 25 C.
[2]
This parameter is valid for any VCC between 0 V and 1.2 V with a transition time of up to 10 ms. From VCC = 1.2 V to VCC = 3.3 V  0.3 V
a transition time of 100
s is permitted. This parameter is valid for T
amb = 25 C only.
[3]
ICC is measured with outputs pulled to VCC or GND.
[4]
This is the increase in supply current for each input at the specified voltage level other than VCC or GND.
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 C to +85 C[1]
VIK
input clamping voltage
VCC = 2.7 V; IIK = 18 mA
1.2
0.85
-
V
VOH
HIGH-level output voltage IOH = 100 A; VCC = 2.7 V to 3.6 V
VCC  0.2 VCC
-V
IOH = 8mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = 32 mA; VCC = 3.0 V
2.0
2.3
-
V
VOL
LOW-level output voltage VCC = 2.7 V
IOL = 100 A
-
0.07
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
II
input leakage current
all input pins; VCC = 0 V or 3.6 V; VI =5.5 V
-
0.1
10
A
control pins; VCC = 3.6 V; VI =VCC or GND
-
0.1
1.0
A
data pins; unused pins at VCC or GND
VI =VCC; VCC =3.6 V
-
0.1
1
A
VI =0V; VCC =3.6 V
5
0.1
-
A
IOFF
power-off leakage current VCC = 0 V; VI or VO = 0V to4.5V
-
0.1
100
A
ILO
output leakage current
output in HIGH-state when VO >VCC; VO =
5.5 V; VCC =3.0 V
-
50
125
A
IO(pu/pd)
power-up/power-down
output current
VCC  1.2 V; VO = 0.5 V to VCC; VI = GND or
VCC; nOE = don’t care
[2] -1
100
A
IOZ
OFF-state output current
VCC = 3.6 V; VI = VIH or VIL
output HIGH: VO = 3.0 V
-
0.5
5
A
output LOW: VO = 0.5 V
5+0.5
-
A
ICC
supply current
VCC = 3.6 V; VI = GND or VCC; IO =0A
output HIGH
-
0.07
0.12
mA
output LOW
-
4.0
6.0
mA
outputs disabled
[3] -
0.07
0.12
mA
I
CC
additional supply current
per input pin; VCC = 3.0 V to 3.6 V; one input
at VCC  0.6 V other inputs at VCC or GND
[4] -0.1
0.2
mA
CI
input capacitance
VI = 0V or 3.0V
-
3
-
pF
CO
output capacitance
outputs disabled; VO = 0 V or 3.0 V
-
9
-
pF


Số phần tương tự - 74LVTN16244B_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
More results

Mô tả tương tự - 74LVTN16244B_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
logo
Nexperia B.V. All right...
74LVTN16244B NEXPERIA-74LVTN16244B Datasheet
201Kb / 11P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 6 - 4 October 2018
logo
NXP Semiconductors
74LVT16244B NXP-74LVT16244B_10 Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVTH16244B NEXPERIA-74LVTH16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT16244B PHILIPS-74LVT16244B_06 Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVTN16244B NXP-74LVTN16244B Datasheet
94Kb / 15P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 01-13 July 2009
74LVTN16244B NXP-74LVTN16244B_10 Datasheet
147Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 02-23 March 2010
logo
Nexperia B.V. All right...
74LVT16240A NEXPERIA-74LVT16240A Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVC_ALVCH16244 PHILIPS-74ALVC_ALVCH16244_15 Datasheet
91Kb / 20P
   2.5 V/3.3 V 16-bit buffer/line driver (3-state)
2003 May 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com