công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC_HCT4094 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74HC_HCT4094
Giải thích chi tiết về linh kiện  8-stage shift-and-store bus register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4094 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74HC_HCT4094_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 12Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 13Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 14Page - NXP Semiconductors 74HC_HCT4094_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74HC_HCT4094
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 31 December 2012
11 of 23
NXP Semiconductors
74HC4094; 74HCT4094
8-stage shift-and-store bus register
[1]
tpd is the same as tPLH and tPHL.
74HCT4094
tpd
propagation
delay
CP to QS1; see Figure 8
[1]
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
CP to QS2; see Figure 8
[1]
VCC = 4.5 V
-
21
36
-
45
-
54
ns
VCC =5V; CL =15pF
-
18
-
-
-
-
-
ns
CP to QPn; see Figure 8
[1]
VCC = 4.5 V
-
25
43
-
54
-
65
ns
VCC =5V; CL =15pF
-
21
-
-
-
-
-
ns
STR to QPn; see Figure 9
[1]
VCC = 4.5 V
-
22
39
-
49
-
59
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
ten
enable time
OE to QPn; see Figure 11
[2]
VCC = 4.5 V
-
20
35
-
44
-
53
ns
tdis
disable time
OE to QPn; see Figure 11
[3]
VCC = 4.5 V
-
21
35
-
44
-
53
ns
tt
transition
time
QPn and QSn; see
Figure 8
[4]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
CP HIGH or LOW;
see Figure 8
VCC = 4.5 V
16
7
-
20
-
24
-
ns
STR HIGH; see Figure 9
VCC = 4.5 V
16
5
-
20
-
24
-
ns
tsu
set-up time
Dn to CP; see Figure 10
VCC = 4.5 V
10
4
-
13
-
15
-
ns
CP to STR; see Figure 9
VCC = 4.5 V
20
9
-
25
-
30
-
ns
th
hold time
Dn to CP; see Figure 10
VCC = 4.5 V
4
0
-
4
-
4
-
ns
CP to STR; see Figure 9
VCC = 4.5 V
0
4-
0
-
0
-
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 4.5 V
30
80
-
24
-
20
-
MHz
VCC =5V; CL =15pF
-
86
-
-
-
-
-
MHz
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[5]
-92
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max


Số phần tương tự - 74HC_HCT4094_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC_HCT4016_CNV PHILIPS-74HC_HCT4016_CNV_15 Datasheet
109Kb / 14P
   Quad bilateral switches
December 1990
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4052 PHILIPS-74HC_HCT4052_15 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
74HC_HCT4053 PHILIPS-74HC_HCT4053_15 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
   Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
More results

Mô tả tương tự - 74HC_HCT4094_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094 Datasheet
105Kb / 14P
   8-stage shift-and-store bus register
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com