công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74LV245 bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện 74LV245
Giải thích chi tiết về linh kiện  Octal bus transceiver; 3-state
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV245 bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button 74LV245_15 Datasheet HTML 2Page - NXP Semiconductors 74LV245_15 Datasheet HTML 3Page - NXP Semiconductors 74LV245_15 Datasheet HTML 4Page - NXP Semiconductors 74LV245_15 Datasheet HTML 5Page - NXP Semiconductors 74LV245_15 Datasheet HTML 6Page - NXP Semiconductors 74LV245_15 Datasheet HTML 7Page - NXP Semiconductors 74LV245_15 Datasheet HTML 8Page - NXP Semiconductors 74LV245_15 Datasheet HTML 9Page - NXP Semiconductors 74LV245_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74LV245_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 15 April 2009
6 of 15
NXP Semiconductors
74LV245
Octal bus transceiver; 3-state
10. Dynamic characteristics
[1]
All typical values are measured at Tamb =25 °C.
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[4]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz, fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 7.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
An, Bn to Bn, An; see Figure 5
[2]
VCC = 1.2 V
-
45
28
-
-
ns
VCC = 2.0 V
-
15
28
-
34
ns
VCC = 2.7 V
-
11
19
-
24
ns
VCC = 3.0 V to 3.6 V; CL =15pF
[3]
-7
-
-
-
ns
VCC = 3.0 V to 3.6 V
[3]
-
9
16
-
20
ns
VCC = 4.5 V to 5.5 V
[3]
-
8
11
-
14
ns
ten
enable time
OE to An, Bn; see Figure 6
[2]
VCC = 1.2 V
-
55
-
-
-
ns
VCC = 2.0 V
-
19
31
-
39
ns
VCC = 2.7 V
-
14
23
-
29
ns
VCC = 3.0 V to 3.6 V
[3]
-
10
18
-
23
ns
VCC = 4.5 V to 5.5 V
[3]
-
8.5
14
-
18
ns
tdis
disable time
OE to An, Bn; see Figure 6
[2]
VCC = 1.2 V
-
65
-
-
-
ns
VCC = 2.0 V
-
24
32
-
39
ns
VCC = 2.7 V
-
18
24
-
29
ns
VCC = 3.0 V to 3.6 V
[3]
-
14
20
-
24
ns
VCC = 4.5 V to 5.5 V
[3]
-
11.5
16
-
19
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz;
VI = GND to VCC; VCC = 3.3 V
[4]
-40
-
-
-
pF


Số phần tương tự - 74LV245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74LV245A TI-74LV245A Datasheet
472Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LV245A NEXPERIA-74LV245A Datasheet
738Kb / 14P
   Octal bus transceiver; 3-state
Rev. 2 - 3 November 2016
74LV245APW NEXPERIA-74LV245APW Datasheet
738Kb / 14P
   Octal bus transceiver; 3-state
Rev. 2 - 3 November 2016
74LV245AT NEXPERIA-74LV245AT Datasheet
734Kb / 13P
   Octal bus transceiver; 3-state
74LV245ATPW NEXPERIA-74LV245ATPW Datasheet
734Kb / 13P
   Octal bus transceiver; 3-state
More results

Mô tả tương tự - 74LV245_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com