công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC_HCT4538 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74HC_HCT4538
Giải thích chi tiết về linh kiện  Dual retriggerable precision monostable multivibrator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT4538 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74HC_HCT4538_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 9Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 10Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 11Page - NXP Semiconductors 74HC_HCT4538_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
74HC_HCT4538_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 8 June 2009
8 of 24
NXP Semiconductors
74HC4538; 74HCT4538
Dual retriggerable precision monostable multivibrator
[1]
This measurement can only be carried out after a trigger pulse is applied.
ICC
supply current
VI = VCC or GND; IO =0A;
VCC = 6.0 V
-
-
8.0
-
80
-
160
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
74HCT4538
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = −20 µA
4.4
4.5
-
4.4
-
4.4
-
V
IO = −4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 µA; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC = 5.5 V
--
±0.1
-
±1-
±1
µA
pin nREXT/CEXT;
VI = 2.0 V or GND; other
inputs at VCC or GND;
VCC = 5.5 V [1]
--
±0.5
-
±5-
±10
µA
ICC
supply current
VI = VCC or GND; IO =0A;
VCC = 5.5 V
-
-
8.0
-
80
-
160
µA
∆ICC
additional
supply current
VI =VCC − 2.1 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
pin nA, nB
-
50
180
-
225
-
245
µA
pin nCD
-
65
234
-
293
-
319
µA
CI
input
capacitance
-
3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
Min
Max


Số phần tương tự - 74HC_HCT4538_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC/HCT4538 PHILIPS-74HC/HCT4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
More results

Mô tả tương tự - 74HC_HCT4538_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74HC4538 NEXPERIA-74HC4538 Datasheet
293Kb / 17P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 16 July 2021
74HC4538-Q100 NEXPERIA-74HC4538-Q100 Datasheet
256Kb / 20P
   Dual retriggerable precision monostable multivibrator
74HCT4538-Q100 NEXPERIA-74HCT4538-Q100 Datasheet
252Kb / 20P
   Dual retriggerable precision monostable multivibrator
logo
NXP Semiconductors
74HC4538 PHILIPS-74HC4538 Datasheet
149Kb / 13P
   Dual retriggerable precision monostable multivibrator
September 1993
logo
Nexperia B.V. All right...
74HCT4538 NEXPERIA-74HCT4538 Datasheet
274Kb / 16P
   Dual retriggerable precision monostable multivibrator
Rev. 6 - 11 February 2021
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com