công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC_HCT595 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors

tên linh kiện 74HC_HCT595
Giải thích chi tiết về linh kiện  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC_HCT595 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors

  74HC_HCT595_15 Datasheet HTML 1Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 2Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 3Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 4Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 5Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 6Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 7Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 8Page - NXP Semiconductors 74HC_HCT595_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 26 January 2015
5 of 24
NXP Semiconductors
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage state;
L = LOW voltage state;
 = LOW-to-HIGH transition;
X = don’t care;
NC = no change;
Z = high-impedance OFF-state.
Table 2.
Pin description
Symbol
Pin
Description
Q1
1
parallel data output 1
Q2
2
parallel data output 2
Q3
3
parallel data output 3
Q4
4
parallel data output 4
Q5
5
parallel data output 5
Q6
6
parallel data output 6
Q7
7
parallel data output 7
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
Q0
15
parallel data output 0
VCC
16
supply voltage
Table 3.
Function table[1]
Control
Input
Output
Function
SHCP STCP OE
MR
DS
Q7S
Qn
X
X
L
L
X
L
NC
a LOW-level on MR only affects the shift registers
X
L
L
X
L
L
empty shift register loaded into storage register
X
X
H
L
X
L
Z
shift register clear; parallel outputs in high-impedance OFF-state
X
L
H
H
Q6S
NC
logic HIGH-level shifted into shift register stage 0. Contents of all
shift register stages shifted through, e.g. previous state of stage 6
(internal Q6S) appears on the serial output (Q7S).
X
L
H
X
NC
QnS
contents of shift register stages (internal QnS) are transferred to
the storage register and parallel output stages

L
H
X
Q6S
QnS
contents of shift register shifted through; previous contents of the
shift register is transferred to the storage register and the parallel
output stages


Số phần tương tự - 74HC_HCT595_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74HC-HCT594-Q100 NEXPERIA-74HC-HCT594-Q100 Datasheet
329Kb / 22P
   8-bit shift register with output register
Rev. 4 - 27 September 2022
logo
NXP Semiconductors
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
74HC_HCT597 PHILIPS-74HC_HCT597_15 Datasheet
218Kb / 23P
   8-bit shift register with input flip-flops
Rev. 3-15 April 2014
More results

Mô tả tương tự - 74HC_HCT595_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74LV595 PHILIPS-74LV595 Datasheet
137Kb / 16P
   8-bit serial-in/serial or parallel-out shift register with output latches 3-State
1998 Apr 20
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com