công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2325 bảng dữ liệu(PDF) 11 Page - Maxim Integrated Products

tên linh kiện MAX2325
Giải thích chi tiết về linh kiện  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2325 bảng dữ liệu(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2325 Datasheet HTML 7Page - Maxim Integrated Products MAX2325 Datasheet HTML 8Page - Maxim Integrated Products MAX2325 Datasheet HTML 9Page - Maxim Integrated Products MAX2325 Datasheet HTML 10Page - Maxim Integrated Products MAX2325 Datasheet HTML 11Page - Maxim Integrated Products MAX2325 Datasheet HTML 12Page - Maxim Integrated Products MAX2325 Datasheet HTML 13Page - Maxim Integrated Products MAX2325 Datasheet HTML 14Page - Maxim Integrated Products MAX2325 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOHIN = 1750MHz, fLOLIN = 1091MHz
(digital modes), fLOLIN = 991MHz (FM mode), LO input power = -7dBm, 50
Ω system, all measurements include matching component
losses but not connector and trace losses, TA = +25°C, unless otherwise noted.)
-5
-2
-3
-4
-1
0
1
2
3
4
5
-35
-30
-25
-20
-10
-15
CELLULAR-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
HIGH SIDE LO, HGHL
HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
0
2
1
4
3
5
6
-18
-6
-2
-14
-10
2
6
10
CELLULAR-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO, FM
LOW SIDE LO, FM
HIGH SIDE LO, HGHL AND LGHL
LOW SIDE LO,
HGHL AND LGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
-4
0
-2
4
2
8
6
10
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
TA = +25
°C,
HIGH SIDE LO
TA = +85
°C, HIGH SIDE LO
TA = -40
°C, HIGH SIDE LO
TA = -40
°C, LOW SIDE LO
TA = +25
°C, LOW SIDE LO
TA = +85
°C, LOW SIDE LO
0
4
2
10
8
6
14
12
16
-17
-7
-12
-2
3
CELLULAR-BAND FM MIXER
NOISE FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LO SIDE LO
HIGH SIDE LO
-4
0
-2
4
2
6
8
611
16
PCS-BAND HGHL MIXER IIP3
vs. CURRENT
MIXER CURRENT (mA)
HIGH SIDE LO, 3V
LOW SIDE LO, 3V
HIGH SIDE LO, 3.6V
LOW SIDE LO, 3.6V
HIGH SIDE LO, 2.7V
LOW SIDE LO, 2.7V
-4
-2
-3
-1
0
1
2
3
4
5
6
7
8
-35
-30
-25
-20
-15
-10
PCS-BAND MIXER IIP3
vs. RF INPUT LEVEL
RF INPUT LEVEL PER TONE (dBm)
HIGH SIDE LO, HGHL, HIGH SIDE LO, LGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGHL
HIGH SIDE LO, HGLL
LOW SIDE LO, HGLL
0
2
1
4
3
7
6
5
8
-18
-10
-14
-6
-2
2
6
10
PCS-BAND MIXER IIP3
vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
LOW SIDE LO, HGHL
LOW SIDE LO, LGHL
LOW SIDE LO, HGLL
HIGH SIDE LO, LGHL
HIGH SIDE LO, HGHL
HIGH SIDE LO, HGLL
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGHL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO
0
4
2
8
6
12
10
14
-17
-7
-2
-12
3
CELLULAR-BAND HGLL MIXER NOISE
FIGURE vs. LO INPUT LEVEL
LO INPUT LEVEL (dBm)
HIGH SIDE LO
LOW SIDE LO


Số phần tương tự - MAX2325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX2325EGI MAXIM-MAX2325EGI Datasheet
164Kb / 14P
   Triple/Dual-Mode CDMA LNA/Mixers
Rev 0; 7/00
More results

Mô tả tương tự - MAX2325

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com