công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX2324 bảng dữ liệu(PDF) 5 Page - Maxim Integrated Products

tên linh kiện MAX2324
Giải thích chi tiết về linh kiện  Adjustable, High-Linearity, SiGe Dual-Band LNA/Mixer ICs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2324 bảng dữ liệu(HTML) 5 Page - Maxim Integrated Products

  MAX2324 Datasheet HTML 1Page - Maxim Integrated Products MAX2324 Datasheet HTML 2Page - Maxim Integrated Products MAX2324 Datasheet HTML 3Page - Maxim Integrated Products MAX2324 Datasheet HTML 4Page - Maxim Integrated Products MAX2324 Datasheet HTML 5Page - Maxim Integrated Products MAX2324 Datasheet HTML 6Page - Maxim Integrated Products MAX2324 Datasheet HTML 7Page - Maxim Integrated Products MAX2324 Datasheet HTML 8Page - Maxim Integrated Products MAX2324 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Adjustable, High-Linearity,
SiGe Dual-Band LNA/Mixer ICs
_______________________________________________________________________________________
5
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX232_ EV kit, VCC = +2.75V, fLNAINH = fMIXINH = 1960MHz, fLNAINL = fMIXINL = 881MHz, fLOLIN = 1091MHz (digital mode), fLOLIN =
991MHz (FM mode), fLOHIN = 1750MHz (MAX2320, MAX2322 with LOX2 = low, MAX2326 with BAND = low, MAX2327), fLLOHIN =
1085MHz (MAX2321 with BAND = low, MAX2322 with LOX2 = high), fLOHIN = 1091MHz (MAX2321 with BAND = high), fLOHIN =
2182MHz (MAX2326 with BAND = high), LO input power = -7dBm (MAX2320/MAX2326), 50
Ω system, TA = +25°C, unless otherwise
noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
PCS
+6.5
Input Third-Order
Intercept (Notes 5, 6)
Cellular
+6
dBm
LOW-GAIN, HIGH-LINEARITY MODES (Note 1)
PCS
-2
Gain (Note 4)
G
Cellular
-1.5
dB
PCS
0.5
Gain Variation Over
Temperature
Relative to +25
°C
TA = -40
°C to
+85
°C
Cellular
0.5
dB
PCS
5
5.5
6
Noise Figure (Note 5)
NF
Cellular
4
4.25
4.5
dB
PCS
+10.5
+11.5
+12.5
Input Third-Order
Intercept (Notes 5, 6)
IIP3
Cellular
+11.5
+12.5
+13.5
dBm
MIXER PERFORMANCE
HIGH-GAIN, HIGH-LINEARITY, AND LOW-GAIN MODES (Note 1)
Without doubler
11
11.8
12.5
13.2
14
TA = +25
°C, PCS
With doubler
10.5
11.1
12
12.9
13.5
Without doubler
10
10.8
12.5
14.3
15.3
TA = -40
°C to
+85
°C, PCS
With doubler
9.6
10.4
12
13.1
14.3
TA = +25
°C, cellular
12
127
13.4
14.0
14.7
Gain (Note 4)
G
TA = -40
°C to +85°C, cellular
11.3
11.9
13.4
15.5
16.5
dB
PCS
±1
Gain Variation Over
Temperature Relative to
+25
°C (Note 5)
TA = -40
°C to
+85
°C
Cellular
±1
dB
Without doubler
7.5
7.8
8
PCS
With doubler
11
12.3
13.5
Without divider
7.5
8.1
8.5
Noise Figure
NF
Cellular
With divider
7.8
8.4
8.8
dB
Without doubler
1.8
2.4
+4
PCS,
TA = TMIN to TMAX
With doubler
1.4
2.8
+4.7
Input Third-Order
Intercept (Notes 5, 6)
IIP3
Cellular,
TA = TMIN to TMAX
1
1.8
3.2
dBm
PCS
-11
-10
Input dB Compression
Cellular
TA = TMIN to TMAX
-12
-10.7
dBm


Số phần tương tự - MAX2324

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
1Mb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Maxim Integrated Produc...
MAX232 MAXIM-MAX232 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
logo
Guangdong Youtai Semico...
MAX232 UMW-MAX232 Datasheet
929Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Texas Instruments
MAX232 TI-MAX232 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
More results

Mô tả tương tự - MAX2324

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Infineon Technologies A...
BGA771L16 INFINEON-BGA771L16 Datasheet
942Kb / 33P
   High Linearity Dual-Band UMTS LNA
V3.0, August 2008
logo
TriQuint Semiconductor
TGA2613-SM TRIQUINT-TGA2613-SM_15 Datasheet
506Kb / 12P
   S-Band High Linearity LNA
logo
Maxim Integrated Produc...
MAX19757 MAXIM-MAX19757 Datasheet
4Mb / 34P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer
Rev 0; 12/12
MAX9981 MAXIM-MAX9981 Datasheet
409Kb / 15P
   825MHz to 915MHz, Dual SiGe High-Linearity Active Mixer
logo
RF Micro Devices
RF2488 RFMD-RF2488 Datasheet
483Kb / 22P
   MULTI-MODE DUAL-BAND LNA MIXER
logo
Maxim Integrated Produc...
MAX9982 MAXIM-MAX9982 Datasheet
395Kb / 12P
   825MHz to 915MHz, SiGe High-Linearity Active Mixer
Rev 1; 9/02
logo
WJ Communication. Inc.
MH205A WJCI-MH205A Datasheet
139Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205A WJCI-MH205A_07 Datasheet
192Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com