công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16373 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74ALVCH16373
Giải thích chi tiết về linh kiện  2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16373 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16373_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16373_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74ALVCH16373
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 10 July 2012
8 of 18
NXP Semiconductors
74ALVCH16373
2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
[1]
All typical values are measured at Tamb =25 C.
[2]
Valid for data inputs of bus hold parts only.
10. Dynamic characteristics
I
CC
additional supply
current
VI =VCC  0.6 V; IO =0A;
VCC = 2.7 V to 3.6 V
per control input
-
5
500
A
per data I/O input
-
150
750
A
IBHL
bus hold LOW current
VCC = 2.3 V; VI =0.7 V
[2]
45
-
-
A
VCC = 3.0 V; VI =0.8 V
[2]
75
150
-
A
IBHH
bus hold HIGH current
VCC = 2.3 V; VI =1.7 V
[2]
45
-
-
A
VCC = 3.0 V; VI =2.0 V
[2]
75
175
-
A
IBHLO
bus hold LOW
overdrive current
VCC = 2.7 V
[2]
300
-
-
A
VCC = 3.6 V
[2]
450
-
-
A
IBHHO
bus hold HIGH
overdrive current
VCC = 2.7 V
[2]
300
-
-
A
VCC = 3.6 V
[2]
450
-
-
A
CI
input capacitance
-
5.0
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Table 7.
Dynamic characteristics
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V); test circuit Figure 10.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = 40 C to +85 C
tpd
propagation delay
nDn to nQn; see Figure 6
[2]
VCC = 1.2 V
-
8.8
-
ns
VCC = 1.8 V
1.5
3.2
5.7
ns
VCC = 2.3 V to 2.7 V
[3]
1.0
2.1
3.9
ns
VCC = 2.7 V
1.0
2.3
3.7
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
2.1
3.3
ns
nLE to nQn; see Figure 7
[2]
VCC = 1.2 V
-
7.4
-
ns
VCC = 1.8 V
1.5
3.4
5.9
ns
VCC = 2.3 V to 2.7 V
[3]
1.0
2.2
3.9
ns
VCC = 2.7 V
1.0
2.2
3.5
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
2.2
3.2
ns
ten
enable time
nOE to nQn; see Figure 8
[2]
VCC = 1.2 V
-
8.9
-
ns
VCC = 1.8 V
1.5
4.0
7.3
ns
VCC = 2.3 V to 2.7 V
[3]
1.0
2.6
5.2
ns
VCC = 2.7 V
1.0
2.9
4.9
ns
VCC = 3.0 V to 3.6 V
[4]
1.0
2.3
4.2
ns


Số phần tương tự - 74ALVCH16373_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16373DGG PHILIPS-74ALVCH16373DGG Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
logo
Nexperia B.V. All right...
74ALVCH16373DGG NEXPERIA-74ALVCH16373DGG Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
Texas Instruments
74ALVCH16373DGGE4 TI-74ALVCH16373DGGE4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74ALVCH16373DGGRG4 TI-74ALVCH16373DGGRG4 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16373DL PHILIPS-74ALVCH16373DL Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit D-type transparent latch 3-State
1999 Sep 20
More results

Mô tả tương tự - 74ALVCH16373_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
Texas Instruments
SN54ALVTH16373 TI-SN54ALVTH16373_07 Datasheet
556Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALVTH16373 TI-SN54ALVTH16373 Datasheet
185Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT573 PHILIPS-74LVT573_15 Datasheet
323Kb / 17P
   3.3 V octal D-type transparent latch; 3-state
Rev. 8-22 November 2011
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74AVC16373 PHILIPS-74AVC16373_15 Datasheet
100Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
74AVC16373 PHILIPS-74AVC16373 Datasheet
87Kb / 16P
   16-bit D-type transparent latch; 3.6 V tolerant; 3-state
2000 Mar 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com