công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVT16543 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện 74ALVT16543
Giải thích chi tiết về linh kiện  2.5 V/3.3 V ALVT 16-bit registered transceiver (3-State)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16543 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button 74ALVT16543_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16543_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Philips Semiconductors
Product data sheet
74ALVT16543
2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
10
AC WAVEFORMS
For all waveforms VM = 1.5 V or VCC/2, whichever is less.
VM
VM
VIN
VM
tPHL
tPLH
VM
VOUT
0 V
VOH
VOL
SW00185
3.0 V or VCC
whichever is
less
Waveform 1. Propagation Delay For Inverting Output
VM
VM
VM
tPLH
tPHL
VM
VIN
VOUT
0 V
VOH
VOL
SW00186
3.0 V or VCC
whichever is
less
Waveform 2. Propagation Delay For Non-Inverting Output
VM
nAx,
nBx
VM
VM
VM
VM
VM
nLEAB, nLEBA,
nEAB, nEBA
ts(H)
th(H)
ts(L)
th(L)
tw(L)
0V
0V
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
SW00187
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
Waveform 3. Data Setup and Hold Times and Latch Enable
Pulse Width
VM
nOEAB, nOEBA,
nEAB, nEBA
VM
tPZH
tPHZ
0V
VM
nAx, nBx
0V
SW00188
3.0V or VCC
whichever
is less
3.0V or VCC
Waveform 4. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
tPLZ
VM
VM
nOEAB, nOEBA,
nEAB, nEBA
nAx, nBx
0V
VOL
SW00189
3.0V or VCC
whichever
is less
3.0V or VCC
whichever
is less
VM
Waveform 5. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Số phần tương tự - 74ALVT16543_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVT16543DGG PHILIPS-74ALVT16543DGG Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DGG NEXPERIA-74ALVT16543DGG Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
logo
NXP Semiconductors
74ALVT16543DL PHILIPS-74ALVT16543DL Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16543DL NEXPERIA-74ALVT16543DL Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
More results

Mô tả tương tự - 74ALVT16543_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVT16543 NEXPERIA-74ALVT16543 Datasheet
240Kb / 16P
   2.5 V/3.3 V 16-bit registered transceiver (3-State)
2004 Sep 14
74LVT16543A NEXPERIA-74LVT16543A Datasheet
243Kb / 15P
   3.3 V 16-bit registered transceiver; 3-state
Rev. 4 - 1 April 2021
logo
Texas Instruments
SN74LVTH16543-EP TI1-SN74LVTH16543-EP Datasheet
304Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
   2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
logo
Texas Instruments
SN74LVTH16952-EP TI1-SN74LVTH16952-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH182512-EP TI1-SN74LVTH182512-EP Datasheet
311Kb / 11P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVTN16245B PHILIPS-74LVTN16245B_15 Datasheet
221Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 5-5 April 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
74LVTN16245B NXP-74LVTN16245B_10 Datasheet
155Kb / 17P
   3.3 V 16-bit transceiver; 3-state
Rev. 02-23 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com