công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH32973 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện 74ALVCH32973
Giải thích chi tiết về linh kiện  16-bit bus transceiver and transparant D-type latch with 8 independent buffers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH32973 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVCH32973_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 12Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 13Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 14Page - NXP Semiconductors 74ALVCH32973_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
74ALVCH32973
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 17 January 2013
11 of 17
NXP Semiconductors
74ALVCH32973
16-bit bus transceiver and transparant D-type latch; 8 buffers
Measurement points are given in Table 10.
VOL and VOH are typical output levels that occur with the output load.
Fig 7.
Propagation delay, input (Dn) to data output (Yn)
DDD
'QLQSXW
<QRXWSXW
W3+/
W3/+
*1'
9,
90
90
90
90
92+
92/
Measurement points are given in Table 10.
VOL and VOH are typical output levels that occur with the output load.
Fig 8.
3-state enable and disable times
DDD
W3/=
W3+=
9<
9;
RXWSXWV
HQDEOHG
RXWSXWV
HQDEOHG
RXWSXWV
GLVDEOHG
RXWSXW
/2:WR2))
2))WR/2:
RXWSXW
+,*+WR2))
2))WR+,*+
Q72(Q/2( LQSXW
9,
92/
92+
9&&
90
*1'
*1'
W3=/
W3=+
90
90
Measurement points are given in Table 10.
The shaded areas indicate when the input is permitted to change for predictable output performance.
Fig 9.
Data setup and hold times for input (nAn) to input (nLE)
DDD
*1'
*1'
9,
9,
Q$Q LQSXW
Q/( LQSXW
WK
WVX
WVX
90
90
WK


Số phần tương tự - 74ALVCH32973_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH32973EC NEXPERIA-74ALVCH32973EC Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
74ALVCH32973ZKER TI-74ALVCH32973ZKER Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
More results

Mô tả tương tự - 74ALVCH32973_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH32973 NEXPERIA-74ALVCH32973 Datasheet
795Kb / 17P
   16-bit bus transceiver and transparant D-type latch with 8 independent buffers
logo
Texas Instruments
SN74ALVCH32973 TI-SN74ALVCH32973 Datasheet
266Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH EIGHT INDEPENDENT BUFFERS
SN74ALVCH16973 TI-SN74ALVCH16973 Datasheet
186Kb / 13P
[Old version datasheet]   8-BIT BUS TRANSCEIVER AND TRANSPARENT D-TYPE LATCH WITH FOUR INDEPENDENT BUFFERS
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
   Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
logo
NXP Semiconductors
74AHC573 NXP-74AHC573_10 Datasheet
175Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 05-25 March 2010
74AHC_AHCT573 PHILIPS-74AHC_AHCT573_15 Datasheet
139Kb / 19P
   Octal D-type transparant latch; 3-state
Rev. 7-8 November 2011
74AHC373 NXP-74AHC373_08 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
74AHC_AHCT373 PHILIPS-74AHC_AHCT373_15 Datasheet
107Kb / 17P
   Octal D-type transparant latch; 3-state
Rev. 03-20 May 2008
logo
Nexperia B.V. All right...
74AHC573-Q100 NEXPERIA-74AHC573-Q100 Datasheet
732Kb / 19P
   Octal D-type transparant latch 3-state
logo
Texas Instruments
SN74ALVC16843 TI-SN74ALVC16843 Datasheet
231Kb / 4P
[Old version datasheet]   16-BIT BUS-INTERFACE D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com