công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16952 bảng dữ liệu(PDF) 8 Page - NXP Semiconductors

tên linh kiện 74ALVCH16952
Giải thích chi tiết về linh kiện  16-bit registered transceiver; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16952 bảng dữ liệu(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH16952_15 Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 9Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 10Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 11Page - NXP Semiconductors 74ALVCH16952_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
74ALVCH16952_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 27 April 2006
8 of 17
Philips Semiconductors
74ALVCH16952
16-bit registered transceiver; 3-state
8.
Limiting values
[1]
The input and output negative voltage ratings may be exceeded if the input and output current ratings are
observed.
[2]
Ptot derates linearly with 8 mW/K above 55 °C.
9.
Recommended operating conditions
[1]
Maximum speed performance.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
control pins
[1]
−0.5
+4.6
V
data inputs
[1]
−0.5
VCC + 0.5 V
VO
output voltage
[1]
−0.5
VCC + 0.5 V
IIK
input clamping current
VI < 0 V
-
−50
mA
IOK
output clamping current
VO > VCC or VO <0 V
-
±50
mA
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
quiescent supply current
-
100
mA
IGND
ground current
-
−100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
600
mW
Table 6.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
CL = 30 pF
[1] 2.3
-
2.7
V
CL = 50 pF
[1] 3.0
-
3.6
V
VI
input voltage
0
-
VCC
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature in free-air
−40
-
+85
°C
∆t/∆V
input transition rise
and fall rate
VCC = 2.3 V to 3.0 V
0
-
20
ns/V
VCC = 3.0 V to 3.6 V
0
-
10
ns/V


Số phần tương tự - 74ALVCH16952_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16952DGG PHILIPS-74ALVCH16952DGG Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Nexperia B.V. All right...
74ALVCH16952DGG NEXPERIA-74ALVCH16952DGG Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
Texas Instruments
74ALVCH16952DGGRG4 TI1-74ALVCH16952DGGRG4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRE4 TI1-74ALVCH16952DGVRE4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16952DGVRG4 TI1-74ALVCH16952DGVRG4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVCH16952_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com