công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AHC_AHCT14 bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện 74AHC_AHCT14
Giải thích chi tiết về linh kiện  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC_AHCT14 bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  74AHC_AHCT14_15 Datasheet HTML 1Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 2Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 3Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 4Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 5Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 6Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 7Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 8Page - NXP Semiconductors 74AHC_AHCT14_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
74AHC_AHCT14_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 4 May 2009
4 of 16
NXP Semiconductors
74AHC14; 74AHCT14
Hex inverting Schmitt trigger
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO14 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For TSSOP14 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
8.
Recommended operating conditions
Table 3.
Function table[1]
Input
Output
nA
nY
LH
HL
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+7.0
V
VI
input voltage
−0.5
+7.0
V
IIK
input clamping current
VI < −0.5 V
[1]
−20
-
mA
IOK
output clamping current
VO < −0.5 V or VO >VCC + 0.5 V
[1]
−20
+20
mA
IO
output current
VO = −0.5 V to (VCC + 0.5 V)
−25
+25
mA
ICC
supply current
-
+75
mA
IGND
ground current
−75
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[2] -
500
mW
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74AHC14
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C
74AHCT14
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
−40
+25
+125
°C


Số phần tương tự - 74AHC_AHCT14_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74AHC_AHCT125 PHILIPS-74AHC_AHCT125_15 Datasheet
100Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
74AHC_AHCT132 PHILIPS-74AHC_AHCT132_15 Datasheet
126Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 06-4 May 2009
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74AHC_AHCT157 PHILIPS-74AHC_AHCT157_15 Datasheet
102Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
More results

Mô tả tương tự - 74AHC_AHCT14_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com