công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD1074 bảng dữ liệu(PDF) 3 Page - LDT Co., Ltd |
|
LD1074 bảng dữ liệu(HTML) 3 Page - LDT Co., Ltd |
3 / 32 page Ver 1.1 3 LD1074 16-Channel Constant Current LED Driver With 16-Bit PWM Control and Dot-Correction LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220 Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr Pin Configuration Pin Name Function GND Ground terminal for control logic and current sink SDI Serial data input to the shift register DCLK Clock input terminal used to shift data on rising edge and carries command information when LE is asserted. LE Data strobe terminal and controlling command with DCLK OUT0~OUT15 Constant current output terminals GCLK Gray scale clock terminal Clock input for gray scale. The gray scale display is counted by gray scale clock comparing with input data. SDO Serial data output to the SDI of next driver IC R-EXT Input terminal used to connect an external resistor for setting up output current for all output channels VDD 3.3V/5V supply voltage terminal Terminal Description 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 GND SDI DCLK LE OUT0 OUT1 OUT2 OUT3 OUT4 OUT5 OUT6 OUT7 VDD R-EXT SDO GCLK OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 OUT9 OUT8 SSOP/TSSOP GFN 1 2 3 4 5 6 18 17 16 15 14 13 24 23 22 21 20 19 7 8 9 10 11 12 LE OUT0 OUT1 OUT2 OUT3 OUT4 OUT15 OUT14 OUT13 OUT12 OUT11 OUT10 |
Số phần tương tự - LD1074 |
|
Mô tả tương tự - LD1074 |