công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAM-6266 bảng dữ liệu(PDF) 2 Page - Advantech Co., Ltd.

tên linh kiện ADAM-6266
Giải thích chi tiết về linh kiện  4-ch Relay Output Modbus TCP Module with 4-ch DI
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6266 bảng dữ liệu(HTML) 2 Page - Advantech Co., Ltd.

  ADAM-6266 Datasheet HTML 1Page - Advantech Co., Ltd. ADAM-6266 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Specifications
Relay Output
ƒ
Channels
4 Form C
ƒ
Contact Rating
250 VAC @ 5A
30 VDC @ 5A
ƒ
Max. Switching Voltage
400 VAC
300 VDC
ƒ
Breakdown Voltage
500 VAC (50/60Hz)
ƒ
Max. Breakdown Capacity 1250 VA
ƒ
Frequency of Operation
360 Operations/Hour with Load
72,000 oOperations/Hour without Load
ƒ
Set/Reset Time
8 ms/8 ms
ƒ
Mechanical Endurance
> 15 x 106 Operations
ƒ
Isolation between Contact 1000 Vrms
ƒ
Insulation Resistance
> 10 G
Ω @ 500 VDC
Digital Input
ƒ
Channels
4
ƒ
Dry Contact
Logic 0: Open
Logic 1: Closed to DI COM
ƒ
Wet Contact
Logic 0: 0 ~ 3 VDC or 0 ~ -3 VDC
Logic 1: 10 ~ 30 VDC or -10 ~ -30 VDC
(Dry/Wet Contact Decided by Switch)
ƒ
Input Impedance
5.2 kW (Wet Contact)
ƒ
Transition Time
0.2 ms
ƒ
Frequency Input Range
0.1 ~ 3kHz
ƒ
Counter Input
3kHz (32 bit + 1 bit Overflow)
ƒ
Keep/Discard Counter Value when power off
ƒ
Supports Inverted DI Status
General
ƒ
Ethernet
2-port 10/100 Base-TX (for Daisy Chain)
ƒ
LED Indication
4 RL + 4 DI
ƒ
Protocol
Modbus/TCP, TCP/IP, UDP, HTTP, DHCP
ƒ
Connector
Plug-in 5P/15P Screw Terminal Blocks
ƒ
Power Input
10 - 30 VDC (24 VDC Standard)
ƒ
Watchdog Timer
System (1.6 Seconds)
Communication (Programmable)
ƒ
Protection
Built-in TVS/ESD Pprotection
Power Reversal Protection
Over Voltage Protection: +/- 35VDC
Isolation Protection: 2500 VDC
ƒ
Power Consumption
4.2 W @ 24 VDC
ƒ
Dimensions (W x H x D)
70 x 122 x 27 mm
ƒ
Enclosure
PC
ƒ
Mounting
DIN 35 Rail, Stack, Wall
Unit: mm
Dimensions
ADAM-6266
Remote I/O
Software
ƒ
.NET Class Library (SDK) Windows and Windows CE Class Library, VB and VC#
Sample Code for I/O Reading or Configuration and
Communication
ƒ
Adam/Apax .NET Utility Network Setting, I/O Configuration, Data Stream, P2P,
GCL Configuration
Environment
ƒ
Operating Temperature -10 ~ 70°C (14 ~ 158°F)
ƒ
Storage Temperature
-20 ~ 80°C (-4 ~ 176°F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
Pin Assignment
Ordering Information
ƒ
ADAM-6266
4-ch Relay Output Modbus TCP Module with 4-ch DI
Accessories
ƒ
PWR-242
DIN-rail Power Supply (2.1A Output Current)
ƒ
PWR-243
Panel Mount Power Supply (3A Output Current)
ƒ
PWR-244
Panel Mount Power Supply (4.2A Output Current)
Software
ƒ
PCLS-ADAMVIEW32
ADAMView Data Acquisition Software
ƒ
PCLS-OPC/MTP30
OPC Server for Modbus/TCP Protocol


Số phần tương tự - ADAM-6266

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-6266 ADVANTECH-ADAM-6266 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
More results

Mô tả tương tự - ADAM-6266

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
DMU-5010 ADVANTECH-DMU-5010_14 Datasheet
212Kb / 1P
   12-ch DI/O, 4-ch AI, 4-ch RTD Modbus TCP Module
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
ADAM-6224 ADVANTECH-ADAM-6224_14 Datasheet
1Mb / 2P
   4-ch Isolated Analog Output Modbus TCP Module
ADAM-6260 ADVANTECH-ADAM-6260_14 Datasheet
1Mb / 2P
   6-ch Relay Output Modbus TCP Modul
ADAM-6060 ADVANTECH-ADAM-6060_15 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Relay Modbus TCP Module
ADAM-4060 ADVANTECH-ADAM-4060_15 Datasheet
328Kb / 1P
   4-ch Relay Output Module
ADAM-6256 ADVANTECH-ADAM-6256_14 Datasheet
1Mb / 2P
   16-ch Isolated Digital Output Modbus TCP Module
ADAM-4060 ADVANTECH-ADAM-4060 Datasheet
766Kb / 1P
   4-ch Relay Output Module
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
AMAX-5001 ADVANTECH-AMAX-5001 Datasheet
517Kb / 1P
   Smart Power Input Module with 4-ch DI
3-Mar-2020
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com