công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA1566 bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện TDA1566
Giải thích chi tiết về linh kiện  I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1566 bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button TDA1566_15 Datasheet HTML 5Page - NXP Semiconductors TDA1566_15 Datasheet HTML 6Page - NXP Semiconductors TDA1566_15 Datasheet HTML 7Page - NXP Semiconductors TDA1566_15 Datasheet HTML 8Page - NXP Semiconductors TDA1566_15 Datasheet HTML 9Page - NXP Semiconductors TDA1566_15 Datasheet HTML 10Page - NXP Semiconductors TDA1566_15 Datasheet HTML 11Page - NXP Semiconductors TDA1566_15 Datasheet HTML 12Page - NXP Semiconductors TDA1566_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
TDA1566_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 20 August 2007
9 of 46
NXP Semiconductors
TDA1566
I2C-bus controlled dual channel/single channel amplifier
6.1.3 Balanced and unbalanced input sources
The TDA1566 accepts balanced as well as unbalanced input signals. Table 7 and Table 8
show the required hard or software setting and Figure 6 shows the input source
connection. Note that the unbalanced input source should be connected to the positive
BTL channel input. Note that the J version accepts in non-I2C-bus mode only a balanced
input source.
6.1.4 Single channel 1
Ω operation
The input and output pins for single channel 1
Ω operation are listed in Table 9. The 1 Ω
operation requires that on the PCB the output pins are shorted as indicated in Table 9. In
the 1
Ω operation the input signal is taken from channel 1.
To prevent instability in 1
Ω operation the amplifier must not be used in line driver mode
with a load larger than 25
Ω.
Table 7.
Balanced and unbalanced input source setting TDA1566TH
Source
Balanced input source
Unbalanced input source
I2C-bus mode
IB3[D1] = 0
IB3[D1] = 1
Non-I2C-bus mode
ADS2 pin connected to GND
ADS2 pin unconnected
Table 8.
Balanced and unbalanced input source setting TDA1566J
Source
Balanced input source
Unbalanced input source
I2C-bus mode
IB3[D1] = 0
IB3[D1] = 1
Non-I2C-bus mode
default
not selectable
Fig 6.
Balanced (left) and unbalanced (right) input source
001aad009
Table 9.
Pinning for the single channel 1
Ω mode; TDA1566TH and TDA1566J
Symbol
Pin
(TDA1566TH)
Pin
(TDA1566J)
Description single channel
operation
Description dual channel
operation
IN2+
2
22
disabled: connect IN2+ with 470 nF
to SGND
positive input channel 2
IN2
3
23
disabled: connect IN2+ with 470 nF
to SGND
negative input channel 2
IN1+
10
3
positive input channel 1
positive input channel 1
IN1
11
4
negative input channel 1
negative input channel 1
1OHM
15
8
1
Ω select pin connected to VP
1
Ω select pin connected to GND
OUT1+
16
10
positive output channel 1
positive output channel 1
OUT1
18
13
negative output channel 1
negative output channel 1
OUT2+
19
15
shorted on board to OUT1
positive output channel 2
OUT2
21
18
shorted on board to OUT1+
negative output channel 2


Số phần tương tự - TDA1566_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1566J NXP-TDA1566J Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566TH NXP-TDA1566TH Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
More results

Mô tả tương tự - TDA1566_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
   I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
   I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
TDF8599B NXP-TDF8599B_V01 Datasheet
569Kb / 54P
   I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 ??23 August 2016
TFA9842J PHILIPS-TFA9842J Datasheet
143Kb / 21P
   2-channel audio amplifier; SE: 1 W to 7.5 W; BTL: 2 W to 15 W
Rev. 01-26 April 2004
TFA9842BJ NXP-TFA9842BJ Datasheet
121Kb / 17P
   2-channel audio amplifier (SE: 1 W to 7.5 W)
Rev. 01-1 March 2004
TFA9843BJ NXP-TFA9843BJ Datasheet
118Kb / 17P
   2-channel audio amplifier (SE: 1 W to 20 W)
Rev. 01-4 May 2004
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com