công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KIA78R018ZF bảng dữ liệu(PDF) 1 Page - KEC(Korea Electronics)

tên linh kiện KIA78R018ZF
Giải thích chi tiết về linh kiện  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  KEC [KEC(Korea Electronics)]
Trang chủ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R018ZF bảng dữ liệu(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R018ZF Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 8Page - KEC(Korea Electronics) KIA78R018ZF Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2010. 2. 2
1/9
SEMICONDUCTOR
TECHNICAL DATA
KIA78R000ZF/ZPI~
KIA78R050ZF/ZPI
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 0
4, 5 TERMINAL LOW DROP VOLTAGE REGULATOR
[Low Quiescent Current-Type]
The KIA78R
F/ZPI Series are Low Dropout Voltage
Regulator suitable for various electronic equipments.
The Regulator has multi function such as over current protection,
overheat protection.
FEATURES
1.0A Output Low Drop Voltage Regulator.
Built in ON/OFF Control Terminal. (Active High)
Built in Over Current Protection, Over Heat Protection Function.
・ASO Protection Function.
Low Quiescent Current (Output OFF mode) : 0.1 A(Typ.)
Adjustable Outut Voltage Type : VOUT = 1.5~14V
Low Voltage Operation : Vopr(min.) = 2.35V
LINE UP
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
INPUT (V
)
IN
ON/OFF CONTROL (V )
2
C
OUTPUT (V )
3
O
N.C (ADJUSTABLE)
4
GND
5
12
34
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is common to
OUTPUT
3
A
L
D
M
DIM MILLIMETERS
TO-220IS-4
10.00 0.20
15.00 0.20
2.70 0.20
0.60 0.10
Φ3.20 0.20
3.50 0.10
A
B
C
D
E
F
G
15.70 0.20
0.40 0.10
H
14.3+0.2/-0.1
1.45 0.10
1.00 0.10
2.54
4.50 0.20
7.5 0.1
1.50 0.10
J
K
L
M
N
O
P
S
R
8
5
C
E
H
L
V
V
U
T
K
O
R
S
P
+
_
+
_
+
_
1.30 0.1
3-1.00 0.1
1.30 0.1
T
U
V
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
1
2
3
4
DC INPUT (V
)
DC OUTPUT (V )
GND
ON/OFF CONTROL(V )
/Adjustable
IN
O
C
12
34
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
VIN
15
V
ON/OFF Control Voltage
VC
15
V
Output Adjustment Terminal Voltage
VADJ
10
V
Output Current
IOUT
1
A
Power Dissipation -1
(No heatsink)
ZF
PD1
1.3
W
ZPI
1.5
Power Dissipation -2
(Infinite heatsink)
ZF
PD2
13
W
ZPI
15
Junction Temperature
Tj
150
Operating Junction Temperature
Topr
-40
125
Storage Temperature
Tstg
-55
150
ITEM
OUTPUT VOLTAGE (V)
PACKAGE
KIA78R000ZF/ZPI
Adjustable (Vrf = 1.25V)
ZF : DPAK-5
ZPI : TO-220IS-4
KIA78R015ZF/ZPI
1.5
KIA78R018ZF/ZPI
1.8
KIA78R020ZF/ZPI
2.0
KIA78R025ZF/ZPI
2.5
KIA78R030ZF/ZPI
3.0
KIA78R033ZF/ZPI
3.3
KIA78R050ZF/ZPI
5.0


Số phần tương tự - KIA78R018ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KIA78R018ZF/ZPI KEC-KIA78R018ZF/ZPI Datasheet
121Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Mô tả tương tự - KIA78R018ZF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com