công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33275D-3.3G bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33275D-3.3G
Giải thích chi tiết về linh kiện  300 mA, Low Dropout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275D-3.3G bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33275D-3.3G Datasheet HTML 6Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 7Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 8Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 9Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 10Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 11Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 12Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 13Page - ON Semiconductor MC33275D-3.3G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33275, NCV33275
www.onsemi.com
10
ORDERING INFORMATION
Device
VO Typ (V)
Operating Temperature
Range, Tolerance
Case
Package
Marking
Shipping
MC33275D−2.5G
2.5 V
(Fixed Voltage)
1% Tolerance
at TA = 25°C
2% Tolerance at
TJ from −40°C to +125°C
751
SOIC−8
(Pb−Free)
27525
98 Units/Rail
MC33275D−2.5R2G
751
SOIC−8
(Pb−Free)
27525
2500/Tape & Reel
MC33275DT−2.5G
369A
DPAK
(Pb−Free)
27525G
75 Units/Rail
MC33275DT−2.5RKG
369A
DPAK
(Pb−Free)
27525G
2500/Tape & Reel
MC33275MN−2.5R2G
488AF
DFN8
(Pb−Free)
27525
3000/Tape & Reel
MC33275ST−2.5T3G
318E
SOT−223
(Pb−Free)
27525
4000/Tape & Reel
MC33275D−3.0G
3.0 V
(Fixed Voltage)
751
SOIC−8
(Pb−Free)
27530
98 Units/Rail
MC33275D−3.0R2G
751
SOIC−8
(Pb−Free)
27530
2500/Tape & Reel
MC33275DT−3.0G
369A
DPAK
(Pb−Free)
27530G
75 Units/Rail
MC33275DT−3.0RKG
369A
DPAK
(Pb−Free)
27530G
2500/Tape & Reel
MC33275MN−3.0R2G
488AF
DFN8
(Pb−Free)
27530
3000/Tape & Reel
MC33275ST−3.0T3G
318E
SOT−223
(Pb−Free)
27530
4000/Tape & Reel
MC33275D−3.3G
3.3 V
(Fixed Voltage)
1% Tolerance
at TA = 25°C
2% Tolerance at
TJ from −40°C to +125°C
1% Tolerance
at TA = 25°C
751
SOIC−8
(Pb−Free)
27533
98 Units/Rail
MC33275D−3.3R2G
751
SOIC−8
(Pb−Free)
27533
2500/Tape & Reel
MC33275DT−3.3G
369A
DPAK
(Pb−Free)
27533G
75 Units/Rail
MC33275DT−3.3RKG
369A
DPAK
(Pb−Free)
27533G
2500/Tape & Reel
MC33275ST−3.3T3G
318E
SOT−223
(Pb−Free)
27533
4000/Tape & Reel
NCV33275ST3.3T3G*
318E
SOT−223
(Pb−Free)
27533
4000/Tape & Reel
MC33275MN−3.3R2G
488AF
DFN−8
(Pb−Free)
27330
3000/Tape & Reel
MC33275D−5.0G
5.0 V
(Fixed Voltage)
1% Tolerance
at TA = 25°C
2% Tolerance at
TJ from −40°C to +125°C
1% Tolerance
at TA = 25°C
751
SOIC−8
(Pb−Free)
27550
98 Units/Rail
MC33275D−5.0R2G
751
SOIC−8
(Pb−Free)
27550
2500/Tape & Reel
MC33275DT−5.0G
369A
DPAK
(Pb−Free)
27550G
75 Units/Rail
MC33275DT−5.0RKG
369A
DPAK
(Pb−Free)
27550G
2500/Tape & Reel
MC33275MN−5.0R2G
488AF
DFN−8
(Pb−Free)
27550
3000/Tape & Reel
MC33275ST−5.0T3G
318E
SOT−223
(Pb−Free)
27550
4000/Tape & Reel
NCV33275ST−5.0T3G*
318E
SOT−223
(Pb−Free)
27550
4000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable


Số phần tương tự - MC33275D-3.3G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33275D-3.3G ONSEMI-MC33275D-3.3G Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
More results

Mô tả tương tự - MC33275D-3.3G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com