công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6122 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MCH6122
Giải thích chi tiết về linh kiện  Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6122 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MCH6122 Datasheet HTML 1Page - ON Semiconductor MCH6122 Datasheet HTML 2Page - ON Semiconductor MCH6122 Datasheet HTML 3Page - ON Semiconductor MCH6122 Datasheet HTML 4Page - ON Semiconductor MCH6122 Datasheet HTML 5Page - ON Semiconductor MCH6122 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
N2112 TKIM TC-00002852/O0808EA TIIM TC-00001607 No.A1287-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
MCH6122
Bipolar Transistor
–30V, –3A, Low VCE(sat), PNP Single MCPH6
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applications
Relay drivers, lamp drivers, motor drivers, charger circuit
Features
Adoption of MBIT process
Large current capacity
Low collector-to-emitter saturation voltage
High speed switching
Ultrasmall-sized package permitting applied sets to be made small and slim (0.85mm)
High allowable power dissipation
Halogem free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
-30
V
Collector-to-Emitter Voltage
VCEO
-30
V
Emitter-to-Base Voltage
VEBO
-5
V
Collector Current
IC
-3
A
Collector Current (Pulse)
ICP
-5
A
Base Current
IB
-600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
1W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Package Dimensions
unit : mm (typ)
7022A-007
Ordering number : ENA1287A
Product & Package Information
• Package
: MCPH6
• JEITA, JEDEC
: SC-88, SC-70-6, SOT-363
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
AY
TL
1 : Collector
2 : Collector
3 : Base
4 : Emitter
5 : Collector
6 : Collector
MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
1, 2, 5, 6
4
3
MCH6122-TL-E
MCH6122-TL-H


Số phần tương tự - MCH6122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH6122 SANYO-MCH6122 Datasheet
245Kb / 4P
   PNP Epitaxial Planar Silicon Transistor DC / DC Converter Amplifier
More results

Mô tả tương tự - MCH6122

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com