công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH6202-TL-E bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MCH6202-TL-E
Giải thích chi tiết về linh kiện  Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH6202-TL-E bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MCH6202-TL-E Datasheet HTML 1Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 2Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 3Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 4Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 5Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 6Page - ON Semiconductor MCH6202-TL-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCH6102/MCH6202
No.6480-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Current
IC
(--)1.5
A
Collector Current (Pulse)
ICP
(--)3
A
Base Current
IB
(--)300
mA
Collector Dissipation
PC
When mounted on ceramic substrate (600mm2×0.8mm)
1.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)30V, IE=0A
(--)0.1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)0.1
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)100mA
200
560
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)300mA
(450)500
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(9)8
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)750mA, IB=(--)15mA
(--250)150
(--375)225
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)750mA, IB=(--)15mA
(--)0.85
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--30)40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)5
V
Turn-ON Time
ton
See specified Test Circuit.
(37)35
ns
Storage Time
tstg
(115)205
ns
Fall Time
tf
(26)32
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
MCH6102-TL-E
MCPH6
3,000pcs./reel
Pb Free
MCH6202-TL-E
MCPH6
3,000pcs./reel
VR
RL=16Ω
VCC=12V
VBE= --5V
IC=20IB1= --20IB2=750mA
For PNP, the polarity is reversed.
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--200
--400
--600
--800
--1000
IC -- VCE
--4mA
--2mA
--6mA
--8mA
--10mA
--15mA
--20mA
--30mA
--40mA
--50mA
IB=0mA
MCH6102
IT01872
0.8
1.2
1.6
2.0
0.4
0
0
200
400
600
800
1000
IC -- VCE
2mA
4mA
8mA
6mA
10mA
15mA
20mA
30mA
40mA
IB=0mA
IT01873
MCH6202
Collector-to-Emitter Voltage, VCE -- mV
Collector-to-Emitter Voltage, VCE -- mV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Số phần tương tự - MCH6202-TL-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH6202 SANYO-MCH6202 Datasheet
49Kb / 5P
   DC/DC Converter Applications
MCH6202 SANYO-MCH6202 Datasheet
83Kb / 5P
   DC / DC Converter Applications
More results

Mô tả tương tự - MCH6202-TL-E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6103 ONSEMI-MCH6103 Datasheet
562Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
MCH6124 ONSEMI-MCH6124 Datasheet
520Kb / 6P
   Bipolar Transistor -20V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6123 ONSEMI-MCH6123 Datasheet
510Kb / 6P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6121 ONSEMI-MCH6121 Datasheet
520Kb / 6P
   Bipolar Transistor -12V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
   Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6544 ONSEMI-MCH6544 Datasheet
532Kb / 7P
   Bipolar Transistor 50V, 0.5A, Low VCE(sat) NPN Single MCPH6
August, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com