công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCH5541 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MCH5541
Giải thích chi tiết về linh kiện  PNP/NPN Bipolar Transistor (-)30V, (-)700mA, VCE(sat) ; (-220)190mV (max)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH5541 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MCH5541 Datasheet HTML 1Page - ON Semiconductor MCH5541 Datasheet HTML 2Page - ON Semiconductor MCH5541 Datasheet HTML 3Page - ON Semiconductor MCH5541 Datasheet HTML 4Page - ON Semiconductor MCH5541 Datasheet HTML 5Page - ON Semiconductor MCH5541 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Publication Order Number :
MCH5541/D
© Semiconductor Components Industries, LLC, 2014
August 2014 - Rev. 0
www.onsemi.com
MCH5541
Overview
MCH5541 is (
)30V, ()700mA, VCE(sat) ; (220)190mV (max),
PNP/NPN 2 in 1 type MCPH5, Bipolar Transistor.
Features
 Composite type with a PNP / NPN transistor contained in one package,
facilitating high-density mounting
 Ultrasmall package permitting applied sets to be small and slim.
Package : SC-88AFL / MCPH5 (2.0
 1.6  0.85 mm)
Typical Applications
 MOSFET gate drivers
 Lamp drivers
 Relay drivers
 Motor drivers
SPECIFICATIONS ( ) : PNP
ABSOLUTE MAXIMUM RATINGS at Ta = 25
C (Note 1)
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(
30) 40
V
Collector-to-Emitter Voltage
VCEO
(
30) 30
V
Emitter-to Base Voltage
VEBO
(
) 5
V
Collector Current
IC
(
) 700
mA
Collector Current (Pulse)
ICP
PW
10s
(
) 3
A
Collector Dissipation
PC
Mounted on a ceramic board (600mm
2 x 0.8m)
0.5
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
Note 1 : Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded,
device functionality should not be assumed, damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS at Ta = 25
C (Note 2)
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=()30V, IE=0
(
) 100
nA
Emitter Cutoff Current
IEBO
VEB=()4V, IC=0
(
) 100
nA
DC Current Gain
hFE
VCE=()2V, IC=(10)50mA
(200) 300
(500) 800
Gain-Bandwidth Product
fT
VCE=()2V, IC=()50mA
(520) 540
MHz
Output Capacitance
Cob
VCB=()10V, f=1MHz
(4.7) 3.3
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=()200mA, IB=()10mA
(
110) 85
(
220) 190
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=()200mA, IB=()10mA
(
) 0.9
(
) 1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=()10A, IE=0
(
30) 40
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=()1mA, RBE=
(
) 30
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=()10A, IC=0
(
) 5
V
Continued on next page.
PNP/NPN Bipolar Transistor
(
)30V, ()700mA,
VCE(sat) ; (220)190mV (max)
Electrical Connection
5
2
4
13
Top view
1 : Base1
2 : Emitter Common
3 : Base2
4 : Collector2
5 : Collector1
ORDERING INFORMATION
See detailed ordering and shipping
information on page 6 of this data sheet.


Số phần tương tự - MCH5541

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
MCH5541 SANYO-MCH5541 Datasheet
68Kb / 5P
   MCH5541
More results

Mô tả tương tự - MCH5541

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH3109 ONSEMI-MCH3109 Datasheet
408Kb / 7P
   Bipolar Transistor (-)30V, (-)3A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
MCH6122 ONSEMI-MCH6122 Datasheet
519Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
   Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
MCH3144 ONSEMI-MCH3144 Datasheet
365Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single MCPH3
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com