công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MJ15024G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MJ15024G
Giải thích chi tiết về linh kiện  Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ15024G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MJ15024G Datasheet HTML 1Page - ON Semiconductor MJ15024G Datasheet HTML 2Page - ON Semiconductor MJ15024G Datasheet HTML 3Page - ON Semiconductor MJ15024G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ15022 (NPN), MJ15024 (NPN)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 100 mAdc, IB = 0)
MJ15022
MJ15024
VCEO(sus)
200
250
Collector Cutoff Current
(VCE = 200 Vdc, VBE(off) = 1.5 Vdc)
MJ15022
(VCE = 250 Vdc, VBE(off) = 1.5 Vdc)
MJ15024
ICEX
250
250
mAdc
Collector Cutoff Current
(VCE = 150 Vdc, IB = 0)
MJ15022
(VCE = 200 vdc, IB = 0)
MJ15024
ICEO
500
500
mAdc
Emitter Cutoff Current
(VCE = 5 Vdc, IB = 0)
IEBO
500
mAdc
SECOND BREAKDOWN
Second Breakdown Collector Current with Base Forward Biased
(VCE = 50 Vdc, t = 0.5 s (non−repetitive))
(VCE = 80 Vdc, t = 0.5 s (non−repetitive))
IS/b
5
2
Adc
ON CHARACTERISTICS
DC Current Gain
(IC = 8 Adc, VCE = 4 Vdc)
(IC = 16 Adc, VCE = 4 Vdc)
hFE
15
5
60
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 0.8 Adc)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
1.4
4.0
Vdc
Base−Emitter On Voltage
(IC = 8 Adc, VCE = 4 Vdc)
VBE(on)
2.2
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 1 Adc, VCE = 10 Vdc, ftest = 1 MHz)
fT
4
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, ftest = 1 MHz)
Cob
500
pF
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%.
100
Figure 1. Active−Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
0.1
0.2
0.5
10
1 k
20
TC = 25°C
50
250
0.1
0.2
1.0
5.0
50
500
100
10
20
BONDING WIRE LIMITED
THERMAL LIMITATION
(SINGLE PULSE)
SECOND BREAKDOWN
LIMITED
There are two limitations on the powerhandling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figure 1 is based on TJ(pk) = 200_C; TC is
variable depending on conditions. At high case
temperatures, thermal limitations will reduce the power that
can be handled to values Ion than the limitations imposed by
second breakdown.


Số phần tương tự - MJ15024G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ15024G ONSEMI-MJ15024G Datasheet
73Kb / 4P
   Silicon Power Transistors
February, 2006 ??Rev. 10
More results

Mô tả tương tự - MJ15024G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MJ21195G ONSEMI-MJ21195G_13 Datasheet
131Kb / 6P
   Silicon Power Transistors 16 AMPERES COMPLEMENTARY SILICON
September, 2013 ??Rev. 6
MJ15023 ONSEMI-MJ15023_13 Datasheet
105Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS 200 ??250 VOLTS, 250 WATTS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11_13 Datasheet
132Kb / 8P
   Complementary Power Transistors SILICON POWER TRANSISTORS 8 AMPERES
September, 2013 ??Rev. 16
MJ21193 ONSEMI-MJ21193_13 Datasheet
128Kb / 6P
   Silicon Power Transistors 16 AMP COMPLEMENTARY SILICON POWER TRANSISTORS
September, 2013 ??Rev. 6
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
   16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
BDV65B ONSEMI-BDV65B Datasheet
105Kb / 6P
   DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 8
logo
Motorola, Inc
BD315 MOTOROLA-BD315 Datasheet
109Kb / 3P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com